Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8317IBDGKT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8317IBDGKT
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8317IBDGKT Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS8317IBDGKT Datasheet HTML 15Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 16Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 17Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 18Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 19Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 20Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 21Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 22Page - Texas Instruments ADS8317IBDGKT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
www.ti.com
Noise
OPA350
24pF
47 F
m
ADS8317
V
REF
50W
Averaging
ADS8317
SBAS356A – JUNE 2007 – REVISED SEPTEMBER 2007
The equivalent input circuit for the reference voltage
is presented in Figure 43. At the same time, an
The
transition
noise
of
the
ADS8317
itself
is
equivalent capacitor of 24pF is switched. To obtain
extremely low, as shown in Figure 19 and Figure 36;
optimum performance from the ADS8317, special
it is much lower than competing A/D converters.
care must be taken in designing the interface circuit
These histograms were generated by applying a
to the reference input pin. To ensure a stable
low-noise DC input and initiating 8192 conversions.
reference voltage, a 47
μF tantalum capacitor with low
The digital output of the A/D converter varies in
ESR should be connected as close as possible to the
output code because of the internal noise of the
input pin. If a high output impedance reference
ADS8317. This variance is true for all 16-bit,
source is used, an additional operational amplifier
SAR-type A/D converters. Using a histogram to plot
with a current-limiting resistor must be placed in front
the output codes, the distribution should appear
of the capacitors.
bell-shaped
with
the
peak
of
the
bell
curve
representing the nominal code for the input value.
The ±1
σ, ±2σ, and ±3σ distributions represent 68.3%,
95.5%, and 99.7%, respectively, of all codes. The
transition noise can be calculated by dividing the
number of codes measured by 6, which yields the 3
σ
distribution, or 99.7%, of all codes. Statistically, up to
three codes could fall outside the distribution when
executing 1000 conversions. The ADS8317, with five
output codes for the ±3
σ distribution, yields less than
Figure 43. Input Reference Circuit and Interface
±0.8LSB of transition noise. Remember that to
achieve this low-noise performance, the peak-to-peak
noise of the input signal and reference must be less
When the ADS8317 is in power-down mode, the input
than 50
μV.
resistance of the reference pin has a value of 5G
Ω.
Because the input capacitors must be recharged
before the next conversion starts, an operational
amplifier with good dynamic characteristics, such as
The noise of the A/D converter can be compensated
the OPA350, should be used to buffer the reference
by
averaging
the
digital
codes.
By
averaging
input.
conversion results, transition noise is reduced by a
factor of 1/
√n , where n is the number of averages.
For example, averaging four conversion results
reduces
the
transition
noise
from
±0.8LSB
to
±0.4LSB. Averaging should only be used for input
signals with frequencies near DC.
For AC signals, a digital filter can be used to
low-pass filter and decimate the output codes. This
configuration works in a similar manner to averaging;
for every decimation by 2, the signal-to-noise ratio
improves by 3dB.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com