Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C23OK203-RATIM Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT83C23OK203-RATIM
Description  CardMan짰 Smart@Link
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C23OK203-RATIM Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT83C23OK203-RATIM Datasheet HTML 6Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 7Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 8Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 9Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 10Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 11Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 12Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 13Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
AT83C23OK
4307CS–SCR–03/07
Smart Card Interface
Card VCC 5V (for IEC7816-3 Class A cards)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Vcc
Power Supply
3.0
5.5
V
CICC_ovf
Card Supply Current overflow
100
mA
CVCC
Card Supply Voltage
4.6
5.4
V
VccMin = 4.0V, CICC = 60 mA
VccMin = 3.0V, CICC = 30 mA
Ripple on Card Voltage
200
mV
0 < CIcc < 60 mA
CVCC
Card Supply Voltage during spike on Icc
4.5
5.5
Max. charge 20 nA.s
Max. duration 400 ns
Max. variation CICC 100 mA
TOFF
CVcc to 0
750
μs
Cload=10µF, Lload=10µH
Vcard = CVcc to 0.4V
TON
0 to CVcc
750
μs
Cload=10µF, Lload=10µH
Vcard = 0V to CVcc
With Boost at 60%
Card VCC 3V Power Supply (for IEC7816-3 Class B cards)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Vcc
Power Supply
3.0
5.5
V
CICC_ovf
Card Supply Current overflow
100
mA
CVCC
Card Supply Voltage
2.76
3.24
V
VccMin = 3.6V, CICC = 55mA
VccMin = 3.0V, CICC = 30 mA
Ripple on Vcard
200
mV
0 < CICC < 55mA
CVCC
Card Supply Voltage during spike on Icc
2.7
3.3
V
Maxi. charge 10nA.s
Max. duration 400 ns
Max. variation CICC 50mA
TOFF
CVcc to 0
750
μs
Cload=10µF, Lload=10µH
Vcard = CVcc to 0.4V
TON
0 to CVcc
750
μs
Cload=10µF, Lload=10µH
Vcard = 0V to CVcc
With Boost at 60%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com