Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C23OK203-RATIM Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT83C23OK203-RATIM
Description  CardMan짰 Smart@Link
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C23OK203-RATIM Datasheet(HTML) 5 Page - ATMEL Corporation

  AT83C23OK203-RATIM Datasheet HTML 1Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 2Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 3Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 4Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 5Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 6Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 7Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 8Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
AT83C23OK
4307CS–SCR–03/07
RST
16
16
VCC
I/0
Reset Input
The Port pins are driven to their reset conditions when a voltage lower than VIL is
applied, whether or not the oscillator is running.
This pin has an internal 10K pull-up resistor which allows the device to be reset by
connecting a capacitor between this pin and VSS.
Asserting RST when the chip is in Idle mode or Power-Down mode returns the chip
to normal operation.
The output is active for at least 12 oscillator periods when an internal reset occurs.
D+
29
29
DVCC
I/O
For Serial reader: Connect this pin to GND.
For USB reader:
USB Positive Data Upstream Port
This pin requires an external serial resistor of 27
Ω (AT8xC122) or 33Ω
(AT83C5123) and a 1.5 K
Ω pull-up to VREF for full speed configuration.
D-
28
28
DVCC
I/O
For Serial reader: Connect this pin to GND.
For USB reader:
USB Negative Data Upstream Port
This pin requires an external serial resistor of 27
Ω (AT8xC122) or 33Ω
(AT83C5123)
VREF
30
30
AVCC
O
For Serial reader: Leave this pin unconnected.
For USB reader:
USB Voltage Reference: 3.0 <
VREF < 3.6 V
VREF can be connected to D+ through a 1.5 KΩ resistor. The VREF voltage is
controlled by software.
XTAL1
14
14
VCC
I
Input to the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal or an external oscillator must be connected to
this pin.
XTAL2
15
15
VCC
O
Output of the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal circuit must be connected to this pin. If an
external oscillator is used, leave XTAL2 unconnected.
PLLF
26
26
AVCC
O
PLL Low Pass Filter input
Receives the RC network of the PLL low pass filter.
AVCC
27
27
PWR
Analog Supply Voltage
AVCC is used to supply the internal 3.3V analog regulator which supplies the
internal USB driver
VCC
12
12
PWR
Supply Voltage
VCC is used to supply the internal 3.3V digital regulator which supplies the PLL,
CPU core and internal I/O’s
LI
10
10
PWR
DC/DC Input
LI supplies the current for the charge pump of the DC/DC converter.
- LI tied directly to VCC : the DC/DC converter must be configured in regulator
mode.
- LI tied to VCC through an external 10µH coil : the DC/DC converter can be
configured either in regulator or in pump mode.
CVCC
9
9
PWR
Card Supply Voltage
CVCC is the ouput of internal DC/DC converter which supplies the Smart Card
Interface. It must be connected to an external decoupling capacitor of 10 µF with
the lowest ESR as this parameter influences on the CVCC noise
Table 1. Pin Description (Continued)
Port
Internal
Power
Supply
ESD
I/O
Reset
Level
Alt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com