Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C23OK203-RATIM Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT83C23OK203-RATIM
Description  CardMan짰 Smart@Link
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C23OK203-RATIM Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT83C23OK203-RATIM Datasheet HTML 2Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 3Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 4Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 5Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 6Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 7Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 8Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 9Page - ATMEL Corporation AT83C23OK203-RATIM Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
AT83C23OK
4307CS–SCR–03/07
DVCC
1
1
PWR
Digital Supply Voltage
DVCC is the output of the internal analog 3.3V regulator which supplies the USB
driver. This pin must be connected to an external 680nF decoupling capacitor if the
USB interface is used.
This output can be used by the application with a maximum of 10 mA.
CVSS
11
11
GND
DC/DC Ground
CVSS is used to sink high shunt currents from the external coil
VSS
8
8
GND
Digital Ground
VSS is used to supply the PLL, buffer ring and the digital core
AVSS
25
25
GND
Analog Ground
AVSS is used to supply the USB driver.
Table 1. Pin Description (Continued)
Port
Internal
Power
Supply
ESD
I/O
Reset
Level
Alt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com