Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR940-R5B-33329 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TIR940-R5B-33329
Description  5mm Infrared LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIR940-R5B-33329 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TIR940-R5B-33329 Datasheet HTML 1Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 2Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 3Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 4Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 5Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 6Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 7Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. A/JY 2007-08-23
TIR940-R5B-33329
TAITRON COMPONENTS INCORPORATED
Tel: (800)-TAITRON (800)-247-2232 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 8
5mm Infrared LED
QRE93BR5
5mm Infrared LED (T-1 3/4)
Features
• High reliability
• High radiant intensity
• Peak wavelength λp=940nm
• 2.54mm lead spacing
• Low forward voltage
• RoHS compliance
Applications
• Free air transmission system
• Infrared remote control units with high power requirement
• Smoke detector
• Infrared applied system
Descriptions
• The device is specially matched with phototransistor, photodiode and infrared receiver module.
• The infrared emitting diode is a high intensity diode, molded blue transparent plastic package.
Device Selection Guide
Chip
Part No.
Material
Lens Color
TIR940-R5B-33329
GaAlAs
Blue


Similar Part No. - TIR940-R5B-33329

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIR1000 TI-TIR1000 Datasheet
119Kb / 9P
STANDALONE IrDAE ENCODER AND DECODER
TIR1000 TI2-TIR1000 Datasheet
815Kb / 24P
TIR1000x Standalone IrDA™ Encoder and Decoder
REVISED AUGUST 2015
TIR1000I TI-TIR1000I Datasheet
119Kb / 9P
STANDALONE IrDAE ENCODER AND DECODER
TIR1000I TI2-TIR1000I Datasheet
815Kb / 24P
TIR1000x Standalone IrDA™ Encoder and Decoder
REVISED AUGUST 2015
TIR1000IPS TI-TIR1000IPS Datasheet
119Kb / 9P
STANDALONE IrDAE ENCODER AND DECODER
More results

Similar Description - TIR940-R5B-33329

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IR333C-A ETC2-IR333C-A Datasheet
145Kb / 8P
5mm Infrared LED
logo
Everlight Electronics C...
SIR323-5 EVERLIGHT-SIR323-5 Datasheet
235Kb / 8P
5mm Infrared LED
JUN.12.2013
HIR323C EVERLIGHT-HIR323C_15 Datasheet
248Kb / 8P
5mm Infrared LED
HIR323C-H0 EVERLIGHT-HIR323C-H0_15 Datasheet
181Kb / 7P
5mm Infrared LED
HIR333C-H0 EVERLIGHT-HIR333C-H0_15 Datasheet
261Kb / 8P
5mm Infrared LED
HIR7373C EVERLIGHT-HIR7373C_15 Datasheet
237Kb / 8P
5mm Infrared LED
HIR7393C EVERLIGHT-HIR7393C_15 Datasheet
203Kb / 7P
5mm Infrared LED
IR333-H0-L10 EVERLIGHT-IR333-H0-L10_15 Datasheet
271Kb / 8P
5mm Infrared LED
EAILP05RDDA4 EVERLIGHT-EAILP05RDDA4 Datasheet
253Kb / 9P
5mm Infrared LED
05.14.2014
EAILP05RDTA0 EVERLIGHT-EAILP05RDTA0 Datasheet
926Kb / 7P
5mm Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com