Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR940-R5B-33329 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TIR940-R5B-33329
Description  5mm Infrared LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIR940-R5B-33329 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TIR940-R5B-33329 Datasheet HTML 1Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 2Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 3Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 4Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 5Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 6Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 7Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Rev. A/JY 2007-08-23
5mm Infrared LED
www.taitroncomponents.com
Page 5 of 8
TIR940-R5B-33329
Reliability Test Items and Conditions
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
No.
Items
Test Condition
Test
Hours /
Cycles
Sample
Size
Failure
Judgement
Criteria
Ac/Re
1
Soldering Heat
Temp.: 260°C
±5°C
10 secs
22 PCS
0/1
2
Temperature Cycle
H: +100°C
15mins
∫ 5 mins
L: -40°C 15mins
300
Cycles
22 PCS
0/1
3
Thermal Shock
H: +100°C 5mins
∫ 10 secs
L: -10°C 5mins
300
Cycles
22 PCS
0/1
4
High Temperature Storage
Temp: 100°C
1000 Hrs
22 PCS
0/1
5
Low Temperature Storage
Temp: -40°C
1000 Hrs
22 PCS
0/1
6
DC Operating Life
IF = 20 mA
1000 Hrs
22 PCS
0/1
7
High Temperature / High Humidity
85°C / 85%RH
1000 Hrs
22 PCS
IR ≥ Ux2
Ee
≤ Lx0.8
VF
≥ Ux1.2
U: Upper
Specification
Limit
L: Lower
Specification
Limit
0/1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com