Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR940-R5B-33329 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TIR940-R5B-33329
Description  5mm Infrared LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIR940-R5B-33329 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TIR940-R5B-33329 Datasheet HTML 1Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 2Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 3Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 4Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 5Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 6Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 7Page - List of Unclassifed Manufacturers TIR940-R5B-33329 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. A/JY 2007-08-23
5mm Infrared LED
www.taitroncomponents.com
Page 2 of 8
TIR940-R5B-33329
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Value
Unit
Reverse Voltage
VR
5
V
Continuous Forward Current
IF
100
mA
Peak Forward Current
*1
IFP
1
A
Power Dissipation at (or below)
25°C Free Air Temperature
Pd
150
mW
Soldering Temperature
*2
Tsol
260
°C
Operating Temperature
Topr
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
°C
Notes:
1. IFP Conditions – Pulse Width ≤100us and Duty ≤1%
2. Soldering time ≤ 5 seconds
Electro-Optical Characteristics (Ta=25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
11
20
-----
IF =20mA
-----
85
-----
IF =100mA *3
Radiant Intensity
Ee
-----
750
-----
mW/sr
IF =1A
*3
Viewing Angle
2
θ1/2
-----
20
-----
deg
IF =20mA
Peak wavelength
λp
-----
940
-----
nm
IF =20mA
Spectrum Radiation Bandwidth
Δλ
-----
45
-----
nm
IF =20mA
-----
1.2
1.5
IF =20mA
-----
1.4
1.8
IF =100mA *3
Forward Voltage
VF
-----
2.6
4.0
V
IF =1A
*3
Reverse Current
IR
-----
-----
10
μA
VR=5V
Notes:
3.
Pulse Width ≤100us and Duty ≤1%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com