Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53EDIP-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # VIPER53EDIP-E
Description  OFF-line Primary Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53EDIP-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VIPER53EDIP-E Datasheet HTML 2Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 3Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 4Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 5Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 6Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 7Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 8Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 9Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Electrical characteristics
VIPer53EDIP - E / VIPer53ESP - E
6/31
DocRev1
Table 8.
Over temperature Protection Section
Table 9.
Typical Output Power Capability
tONmin2
Minimum On Time
VCOMP > VCOMPBL
250
350
450
ns
VCOMPoff
VCOMP Shutdown
Threshold
Figure 13 on page 23
0.5
V
VCOMPhi
VCOMP High Level
ICOMP=0mA
(1)
4.5
V
ICOMP
COMP Pull Up Current VCOMP= 2.5V
0.6
mA
1.
In order to ensure a correct stability of the internal current source, a 10nF capacitor (minimum value 8nF)
should always be present on the COMP pin.
Table 7.
Overload Protection Section
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCOMPovl
VCOMP Overload
Threshold
ITOVL = 0mA Figure 7 on page 20
(1)
1.
VCOMPovl is always lower than VCOMPhi
4.35
V
VDIFFovl
VCOMPhi to VCOMPovl
Voltage Difference
VDD = VDDoff ... VDDreg;
ITOVL= 0mA
Figure 7. (1)
50
150
250
mV
VOVLth
VTOVL Overload
Threshold
Figure 7.
4V
tOVL
Overload Delay
COVL = 100nF Figure 7.
8ms
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
TSD
Thermal Shutdown
Temperature
Figure 11 on page 22
140
160
°C
THYST
Thermal Shutdown
Hysteresis
Figure 11 on page 22
40
°C
Type
European
(195 - 265Vac)
US / Wide range
(85 - 265Vac)
VIPer53EDIP-E
50W
30W
VIPer53ESP-E
65W
40W
Table 6.
Pwm Comparator Section
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com