Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53EDIP-E Datasheet(PDF) 24 Page - STMicroelectronics

Part # VIPER53EDIP-E
Description  OFF-line Primary Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53EDIP-E Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VIPER53EDIP-E Datasheet HTML 20Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 21Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 22Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 23Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 24Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 25Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 26Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 27Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Operation pictures
VIPer53EDIP - E / VIPer53ESP - E
24/31
DocRev1
The switching frequency settings shown on the graphic here below is valid within the
following boundaries:
Rt > 2kΩ
FSW = 300kHz
Figure 16. Oscillator Settings
Figure 17. Typical Frequency Variation vs. Junction Temperature
110
100
10
300
100
Frequency (kHz)
RT (K
Ω)
1nF
2.2nF
4.7nF
10nF
22nF
-20
0
20
40
60
80
100
120
0.96
0.98
1
1.02
1.04
Normalised Frequency
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com