Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53EDIP-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER53EDIP-E
Description  OFF-line Primary Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53EDIP-E Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER53EDIP-E Datasheet HTML 1Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 2Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 3Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 4Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 5Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 6Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 7Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 8Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
January 2006
DocRev1
1/31
31
VIPer53EDIP - E
VIPer53ESP - E
OFF-line Primary Switch
Features
■
Switching frequency up to 300kHz
■
Current mode control with adjustable limitation
■
Soft start and shut-down control
■
Automatic burst mode in standby condition
(“Blue Angel“ compliant )
■
Undervoltage lockout with Hysteresis
■
Integrated start-up current source
■
Over-temperature protection
■
Overload and short-circuit control
■
Overvoltage protection
■
In compliance with the 2002/95/EC European
Directive
Description
The VIPer53E combines an enhanced current
mode
PWM controller
with
a
high
voltage
MDMesh Power MOSFET in the same package.
Typical applications cover offline power supplies
with a secondary power capability ranging up to
30W in wide range input voltage, or 50W in single
European voltage range and DIP-8 package and
40W in wide range input voltage, or 65W in single
European
voltage
range
and
PowerSO-10
package, with the following benefits:
– Overload and short-circuit events
controlled by feedback monitoring and
delayed device reset;
– Efficient standby mode by enhanced pulse
skipping.
– Integrated start-up current source is
disabled during normal operation to reduce
the input power.
DIP-8
PowerSO-10
www.st.com
Block diagram
FF
OSCILLATOR
150/400ns
BLANKING
1V
OVERTEMP.
DETECTOR
8.4/
11.5V
VDD
OSC
DRAIN
COMP
SOURCE
PWM
LA TCH
ON/OFF
BLANKING TIME
SELECTION
PWM
COMPARATOR
CURRENT
AMPLIFIER
S
R1
R2
R3 R4 R5
Q
OVERLOAD
COMPARATOR
18V
125k
0.5V
STANDBY
COMPARATOR
OVERVOLTAGE
COMPARATOR
UVLO
COMPARATOR
H
COMP
0.5V
4.4V
4.5V
TOVL
8V
4V
Vcc
I
COMP


Similar Part No. - VIPER53EDIP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER53EDIP STMICROELECTRONICS-VIPER53EDIP Datasheet
392Kb / 1P
STATE OF THE ART PRIMARY SIDE SWITCH FOR AC/DC CONVERTERS
More results

Similar Description - VIPER53EDIP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER22ADIP STMICROELECTRONICS-VIPER22ADIP Datasheet
262Kb / 15P
LOW POWER OFF LINE SMPS PRIMARY SWITCHER
rev. A
VIPER53DIP STMICROELECTRONICS-VIPER53DIP Datasheet
259Kb / 24P
OFF LINE PRIMARY SWITCH
Jun-2004
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
Low Power OFF-Line SMPS Primary Switcher
09-Jan-2006
VIPER53-E STMICROELECTRONICS-VIPER53-E Datasheet
358Kb / 36P
OFF-line primary switch
13-Nov-2006
logo
Texas Instruments
TPS92315 TI-TPS92315 Datasheet
1Mb / 27P
Off-Line Primary-Side Sensing Controller
logo
Shenzhen Winsemi Microe...
WS3253 WINSEMI-WS3253 Datasheet
266Kb / 11P
High Precision Primary-Side Off-line PWM Power Switch
WS3254 WINSEMI-WS3254 Datasheet
238Kb / 10P
High Precision Primary-Side Off-line PWM Power Switch
WS3255D8P WINSEMI-WS3255D8P Datasheet
233Kb / 9P
High Precision Primary-Side Off-line PWM Power Switch
WS3256 WINSEMI-WS3256 Datasheet
233Kb / 9P
High Precision Primary-Side Off-line PWM Power Switch
logo
STMicroelectronics
VIPER22A-E STMICROELECTRONICS-VIPER22A-E Datasheet
409Kb / 21P
Low power OFF-line SMPS primary switcher
25-Nov-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com