Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T35AV-10PC6F Datasheet(PDF) 6 Page - STMicroelectronics

Part # M48T35AV-10PC6F
Description  5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER짰 SRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35AV-10PC6F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M48T35AV-10PC6F Datasheet HTML 2Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 3Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 4Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 5Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 6Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 7Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 8Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 9Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
M48T35AY, M48T35AV
6/25
OPERATION MODES
As Figure 6., page 5 shows, the static memory ar-
ray and the quartz controlled clock oscillator of the
M48T35AY/V are integrated on one silicon chip.
The two circuits are interconnected at the upper
eight memory locations to provide user accessible
BYTEWIDE™ clock information in the bytes with
addresses 7FF8h-7FFFh.
The clock locations contain the year, month, date,
day, hour, minute, and second in 24 hour BCD for-
mat. Corrections for 28, 29 (leap year - valid until
2100), 30, and 31 day months are made automat-
ically. Byte 7FF8h is the clock control register. This
byte controls user access to the clock information
and also stores the clock calibration setting.
The eight clock bytes are not the actual clock
counters themselves; they are memory locations
consisting of BiPORT™ READ/WRITE memory
cells. The M48T35AY/V includes a clock control
circuit which updates the clock bytes with current
information once per second. The information can
be accessed by the user in the same manner as
any other location in the static memory array.
The M48T35AY/V also has its own Power-fail De-
tect circuit. The control circuitry constantly moni-
tors the single 3V supply for an out of tolerance
condition. When VCC is out of tolerance, the circuit
write protects the SRAM, providing a high degree
of data security in the midst of unpredictable sys-
tem operation brought on by low VCC. As VCC falls
below the Battery Back-up Switchover Voltage
(VSO), the control circuitry connects the battery
which maintains data and clock operation until val-
id power returns.
Table 2. Operating Modes
Note: X = VIH or VIL; VSO = Battery Back-up Switchover Voltage.
1. See Table 11., page 18 for details.
Mode
VCC
E
G
W
DQ0-DQ7
Power
Deselect
4.5 to 5.5V
or
3.0 to 3.6V
VIH
X
X
High Z
Standby
WRITE
VIL
X
VIL
DIN
Active
READ
VIL
VIL
VIH
DOUT
Active
READ
VIL
VIH
VIH
High Z
Active
Deselect
VSO to VPFD (min)
(1)
X
X
X
High Z
CMOS Standby
Deselect
≤ VSO(1)
X
X
X
High Z
Battery Back-up Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com