Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T35AV-10PC6F Datasheet(PDF) 4 Page - STMicroelectronics

Part # M48T35AV-10PC6F
Description  5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER짰 SRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35AV-10PC6F Datasheet(HTML) 4 Page - STMicroelectronics

  M48T35AV-10PC6F Datasheet HTML 1Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 2Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 3Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 4Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 5Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 6Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 7Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 8Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
M48T35AY, M48T35AV
4/25
SUMMARY DESCRIPTION
The M48T35AY/V TIMEKEEPER® RAM is a 32Kb
x 8 non-volatile static RAM and real time clock.
The monolithic chip is available in two special
packages to provide a highly integrated battery
backed-up memory and real time clock solution.
The M48T35AY/V is a non-volatile pin and func-
tion equivalent to any JEDEC standard 32Kb x 8
SRAM. It also easily fits into many ROM, EPROM,
and EEPROM sockets, providing the non-volatility
of PROMs without any requirement for special
WRITE timing or limitations on the number of
WRITEs that can be performed.
The 28-pin, 600mil DIP CAPHAT™ houses the
M48T35AY/V silicon with a quartz crystal and a
long-life lithium button cell in a single package.
The 28-pin, 330mil SOIC provides sockets with
gold plated contacts at both ends for direct con-
nection to a separate SNAPHAT® housing con-
taining the battery and crystal. The unique design
allows the SNAPHAT battery package to be
mounted on top of the SOIC package after the
completion of the surface mount process. Inser-
tion of the SNAPHAT housing after reflow pre-
vents potential battery and crystal damage due to
the high temperatures required for device surface-
mounting. The SNAPHAT housing is keyed to pre-
vent reverse insertion.
The SOIC and battery/crystal packages are
shipped separately in plastic anti-static tubes or in
Tape & Reel form.
For the 28-lead SOIC, the battery/crystal package
(e.g. SNAPHAT) part number is “M4T28-BR12SH”
(see Table 17., page 23).
Figure 3. Logic Diagram
Table 1. Signal Names
AI02797B
15
A0-A14
W
DQ0-DQ7
VCC
M48T35AY
M48T35AV
G
VSS
8
E
A0-A14
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable
G
Output Enable
W
WRITE Enable
VCC
Supply Voltage
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com