Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T35AV-10PC6F Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48T35AV-10PC6F
Description  5.0 or 3.3V, 256 Kbit (32 Kb x8) TIMEKEEPER짰 SRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35AV-10PC6F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48T35AV-10PC6F Datasheet HTML 3Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 4Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 5Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 6Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 7Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 8Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 9Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 10Page - STMicroelectronics M48T35AV-10PC6F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7/25
M48T35AY, M48T35AV
READ Mode
The M48T35AY/V is in the READ Mode whenever
W (WRITE Enable) is high and E (Chip Enable) is
low. The unique address specified by the 15 ad-
dress inputs defines which one of the 32,768 bytes
of data is to be accessed. Valid data will be avail-
able at the Data I/O pins within Address Access
time (tAVQV) after the last address input signal is
stable, providing that the E and G access times
are also satisfied.
If the E and G access times are not met, valid data
will be available after the latter of the Chip Enable
Access time (tELQV) or Output Enable Access time
(tGLQV).
The state of the eight three-state Data I/O signals
is controlled by E and G. If the outputs are activat-
ed before tAVQV, the data lines will be driven to an
indeterminate state until tAVQV. If the Address In-
puts are changed while E and G remain active,
output data will remain valid for Output Data Hold
time (tAXQX) but will go indeterminate until the next
Address Access.
Figure 7. READ Mode AC Waveforms
Note: WRITE Enable (W) = High.
Table 3. READ Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C or –40 to 85°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. CL = 5pF.
Symbol
Parameter(1)
M48T35AY
M48T35AV
Unit
–70
–100
MinMax
MinMax
tAVAV
READ Cycle Time
70
100
ns
tAVQV
Address Valid to Output Valid
70
100
ns
tELQV
Chip Enable Low to Output Valid
70
100
ns
tGLQV
Output Enable Low to Output Valid
35
50
ns
tELQX
(2)
Chip Enable Low to Output Transition
5
10
ns
tGLQX
(2)
Output Enable Low to Output Transition
5
5
ns
tEHQZ
(2)
Chip Enable High to Output Hi-Z
25
50
ns
tGHQZ
(2)
Output Enable High to Output Hi-Z
25
40
ns
tAXQX
Address Transition to Output Transition
10
10
ns
AI00925
tAVAV
tAVQV
tAXQX
tELQV
tELQX
tEHQZ
tGLQV
tGLQX
tGHQZ
VALID
A0-A14
E
G
DQ0-DQ7
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com