Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL9714 Datasheet(PDF) 39 Page - GENESYS LOGIC

Part # GL9714
Description  PCI ExpressTM PIPE x4 PHY
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9714 Datasheet(HTML) 39 Page - GENESYS LOGIC

Back Button GL9714 Datasheet HTML 35Page - GENESYS LOGIC GL9714 Datasheet HTML 36Page - GENESYS LOGIC GL9714 Datasheet HTML 37Page - GENESYS LOGIC GL9714 Datasheet HTML 38Page - GENESYS LOGIC GL9714 Datasheet HTML 39Page - GENESYS LOGIC GL9714 Datasheet HTML 40Page - GENESYS LOGIC GL9714 Datasheet HTML 41Page - GENESYS LOGIC GL9714 Datasheet HTML 42Page - GENESYS LOGIC GL9714 Datasheet HTML 43Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
GL9714 PCI Express
TM PIPE x4 PHY
©2004-2007 Genesys Logic Inc. - All rights reserved.
Page 39
7.5 Differential Transmitter and Receiver Serial Output
Transmitter Serial Output
Table 7.6 – Transmitter Serial Output
Symbol
Parameter
Min
Typ
Max
Unit
UI
Unit interval
399.88
400
400.12
ps
VTX-DIFFp-p
Differential peak to peak output voltage
0.8
-
1.2
V
VTX-DE-RATIO
De-emphasized
differential
output
voltage (Ratio)
-3.0
-3.5
-4.0
dB
TTX-EYE
Minimum TX eye width
0.7
-
-
UI
TTX-EYE-MEDIAN-to-MAX-JITTER
Maximum
time
between
the
jitter
median and maximum deviation from
the median
-
-
0.15
UI
TTX-RISE,
TTX-FALL
D+/D- TX output rise/fall time
0.125
-
-
UI
VTX-CM-ACp
RMS AC peak common mode output
voltage
-
-
20
mV
VTX-CM-DC-ACTIVE-IDLE-DELTA
Absolute delta of DC common mode
voltage during L0 and electrical idle
0
-
100
mV
VTX-CM-DC-LINE-DELTA
Absolute delta of DC common mode
voltage between D+ and D-
0
-
25
mV
VTX-IDLE-DIFFp
Electrical idle differential peak output
voltage
0
-
20
mV
VTX-RCV-DETECT
The amount of voltage change allowed
during receiver detection
-
-
600
mV
VTX-DC-CM
The TX DC common mode voltage
0
-
3.6
V
ITX-SHORT
TX short circuit current limit
-
-
90
mA
TTX-IDLE-MIN
Minimum time spent in electrical idle
50
-
-
UI
TTX-IDLE-SET-TO-IDLE
Maximum time to transition to a valid
electrical idle after sending an electrical
idle ordered set
-
-
20
UI
TTX-IDLE-TO-DIFF-DATA
Maximum time to transition to valid TX
specifications after leaving an electrical
idle condition
-
-
20
UI
RLTX-DIFF
Differential return loss
12
-
-
dB
RLTX-CM
Common mode return loss
6
-
-
dB
ZTX-DIFF-DC
DC differential TX impedance
80
100
120
Ω
LTX-SKEW
Lane-to-lane output skew
-
-
500 + 2UI
ps
CTX
AC coupling capacitor
75
-
200
nF
Tcrosslink
Crosslink random timeout
0
-
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com