Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL9714 Datasheet(PDF) 21 Page - GENESYS LOGIC

Part # GL9714
Description  PCI ExpressTM PIPE x4 PHY
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9714 Datasheet(HTML) 21 Page - GENESYS LOGIC

Back Button GL9714 Datasheet HTML 17Page - GENESYS LOGIC GL9714 Datasheet HTML 18Page - GENESYS LOGIC GL9714 Datasheet HTML 19Page - GENESYS LOGIC GL9714 Datasheet HTML 20Page - GENESYS LOGIC GL9714 Datasheet HTML 21Page - GENESYS LOGIC GL9714 Datasheet HTML 22Page - GENESYS LOGIC GL9714 Datasheet HTML 23Page - GENESYS LOGIC GL9714 Datasheet HTML 24Page - GENESYS LOGIC GL9714 Datasheet HTML 25Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
GL9714 PCI Express
TM PIPE x4 PHY
©2004-2007 Genesys Logic Inc. - All rights reserved.
Page 21
Offset 0Dh – SLCDT ………...…………………………………………...……. Default value = 8’h00
SLPBKA
SLPBKB
SLPBKC
SLPBKD
FENCDA
FENCDB
FENCDC
FENCDD
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7 SLPBKA
Enable serial loopback of lane A
6 SLPBKB
Enable serial loopback of lane B
5 SLPBKC
Enable serial loopback of lane C
4 SLPBKD
Enable serial loopback of lane D
3 FENCDA
Force comma detect of lane A
2 FENCDB
Force comma detect of lane B
1 FENCDC
Force comma detect of lane C
0 FENCDD
Force comma detect of lane D
Offset 14h – SECNTA ………...…………………………………………...……. Default value = 8’h00
SECNTA7
SECNTA6
SECNTA5
SECNTA4
SECNTA3
SECNTA2
SECNTA1
SECNTA0
R
R
R
R
R
R
R
R
7-0
SECNTA[7:0]
Error count of SLPBKA.
Offset 15h – SECNTB ………...…………………………………………...……. Default value = 8’h00
SECNTB7
SECNTB6
SECNTB5
SECNTB4
SECNTB3
SECNTB2
SECNTB1
SECNTB0
R
R
R
R
R
R
R
R
7-0
SECNTB[7:0]
Error count of SLPBKB.
Offset 16h – SECNTC ………...…………………………………………...……. Default value = 8’h00
SECNTC7
SECNTC6
SECNTC5
SECNTC4
SECNTC3
SECNTC2
SECNTC1
SECNTC0
R
R
R
R
R
R
R
R
7-0
SECNTC[7:0]
Error count of SLPBKC.
Offset 17h – SECNTD ………...…………………………………………...……. Default value = 8’h00
SECNTD7
SECNTD6
SECNTD5
SECNTD4
SECNTD3
SECNTD2
SECNTD1
SECNTD0
R
R
R
R
R
R
R
R
7-0
SECNTD[7:0]
Error count of SLPBKD.
PS: Please write “0” to the unused bits when programming a register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com