Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL9714 Datasheet(PDF) 28 Page - GENESYS LOGIC

Part # GL9714
Description  PCI ExpressTM PIPE x4 PHY
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9714 Datasheet(HTML) 28 Page - GENESYS LOGIC

Back Button GL9714 Datasheet HTML 24Page - GENESYS LOGIC GL9714 Datasheet HTML 25Page - GENESYS LOGIC GL9714 Datasheet HTML 26Page - GENESYS LOGIC GL9714 Datasheet HTML 27Page - GENESYS LOGIC GL9714 Datasheet HTML 28Page - GENESYS LOGIC GL9714 Datasheet HTML 29Page - GENESYS LOGIC GL9714 Datasheet HTML 30Page - GENESYS LOGIC GL9714 Datasheet HTML 31Page - GENESYS LOGIC GL9714 Datasheet HTML 32Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
GL9714 PCI Express
TM PIPE x4 PHY
©2004-2007 Genesys Logic Inc. - All rights reserved.
Page 28
5.3 Receiver Data Path Per Lane
Differential Recieiver
Data Recovery Circuit
(DRC)
Serial to Paralle
Elastic Buffer
Loopback path to transmitter
RXN
RXP
RXIDLE
Clock Recovery Circuit
2.5 GHz
K28.5 Detection
RXVLD
RXPLR
Receiver
Status
RXSTS
x10
x10
8b 10b Decoder
x8
Optional 8, 16-bit
Data
x16 or x8
RXDK
Recovered Symbol Clock
Buffer Overflow/Underflow
SKP Added/Removed
Decode Error
Disparity
Error
250 MHz
PCL
Figure 5.3 - Receiver Data Path per Lane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com