Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7601_EB Datasheet(PDF) 2 Page - Exar Corporation

Part # SP7601_EB
Description  29V High Voltage LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7601_EB Datasheet(HTML) 2 Page - Exar Corporation

  SP7601_EB Datasheet HTML 1Page - Exar Corporation SP7601_EB Datasheet HTML 2Page - Exar Corporation SP7601_EB Datasheet HTML 3Page - Exar Corporation SP7601_EB Datasheet HTML 4Page - Exar Corporation SP7601_EB Datasheet HTML 5Page - Exar Corporation SP7601_EB Datasheet HTML 6Page - Exar Corporation SP7601_EB Datasheet HTML 7Page - Exar Corporation SP7601_EB Datasheet HTML 8Page - Exar Corporation SP7601_EB Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Sept25-07 Rev D
SP7601 29V High Voltage LED Driver
© 2007 Exar Corporation
Page 2
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL SPECIFICATIONS
Specifications are for TAMB=TJ=25°C, and those denoted by ♦ apply over the full operating range, -40°C< Tj <125°C. Unless
otherwise specified: VIN = 4.5V to 29V, CIN = 4.7μF.
PARAMETER
MIN
TYP
MAX
UNITS
♦
CONDITIONS
UVLO Turn-On Threshold
4.0
4.2
4.5
V
0
°C to 125°C
UVLO Turn-Off Threshold
3.8
4.0
4.3
V
0
°C to 125°C
UVLO Hysteresis
0.2
V
Operating Input Voltage
Range
4.5
29
V
0
°C to 125°C
Operating Input Voltage
Range
7
29
V
♦
Operating VCC Current
2
3
mA
VFB=0.1V, gate not switching
Standby VCC Current
0.6
1
mA
VFB=1.2V, gate not switching
Reference Voltage
0.2
V
Reference Voltage
0.186
0.214
V
♦
Switching Frequency
960
1200
1440
kHz
Peak-to-peak ramp Voltage
Vin/10
V
Ramp clamped to <= 4.2V
Minimum ON-Pulse Duration
40
100
ns
♦
Minimum Duty Cycle
0
%
Maximum Duty Cycle
100
%
Gate Driver Turn-Off
Resistance
50
60
kΩ
Internal resistor between GATE
and VIN
Gate Driver Pull-Down
Resistance
4
8
Ω
VIN=12V, VFB=0.1V, Measure
resistance between GATE and
VDR
Gate Driver Pull-up
Resistance
3
6
Ω
VIN=12V, VFB=0.3V, Measure
resistance between GATE and VIN
VIN - VDR voltage difference
4.5
5.5
V
♦ Measure VIN – VDR, VIN>7V
Overcurrent Threshold
300
350
400
mV
Measure VIN - LX
LX pin Input Current
25
33
40
μA
VLX = VIN
OFF interval during hiccup
50
ms
SHDN Threshold
0.8
1.0
1.2
V
♦ Apply voltage to FB
SHDN Threshold Hysteresis
100
mV
These are stress ratings only, and functional operation of the
device at these ratings or any other above those indicated in
the operation sections of the specifications below is not
implied. Exposure to absolute maximum rating conditions for
extended periods of time may affect reliability.
Input Voltage….................................................-0.3V to 30V
Lx………………………………………………….…-2V to 30V
FB……………..................................................-0.3V to 5.5V
Storage Temperature..…………….…..……-65
°C to 150 °C
Junction Temperature...................................-40
°C to 125°C
Lead Temperature (Soldering, 10 sec)….….………..300
°C
ESD Rating………...……1kV LX, 2kV all other nodes, HBM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com