Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7601_EB Datasheet(PDF) 4 Page - Exar Corporation

Part # SP7601_EB
Description  29V High Voltage LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7601_EB Datasheet(HTML) 4 Page - Exar Corporation

  SP7601_EB Datasheet HTML 1Page - Exar Corporation SP7601_EB Datasheet HTML 2Page - Exar Corporation SP7601_EB Datasheet HTML 3Page - Exar Corporation SP7601_EB Datasheet HTML 4Page - Exar Corporation SP7601_EB Datasheet HTML 5Page - Exar Corporation SP7601_EB Datasheet HTML 6Page - Exar Corporation SP7601_EB Datasheet HTML 7Page - Exar Corporation SP7601_EB Datasheet HTML 8Page - Exar Corporation SP7601_EB Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Sept25-07 Rev D
SP7601 29V High Voltage LED Driver
© 2007 Exar Corporation
Page 4
GENERAL OVERVIEW
The SP7601 is a fixed frequency, Voltage-
mode, non-synchronous buck PWM controller
optimized for driving LEDs. Constant LED
current is achieved using resistor RSET as
shown in the page 1 schematic. A low 0.2V
reference voltage minimizes power dissipation
in RSET. A tight reference voltage tolerance of
+/-7%, over full operating conditions, helps
accurately program the LED current. High
switching frequency of 1.2MHz (nominal)
reduces the size of passive components.
Dimming and power sequencing is achieved
using a logic-level PWM signal applied to the
FB pin via a diode. Overcurrent protection
(OCP) is based on the high-side MOSFET’s
RDS(ON) and is programmable via a resistor
placed at the LX node.
Programming the LED Current
Use the following equation to program the LED
current:
LED
I
V
Rset
2
.
0
=
…………………………… (1)
Where 0.2 is SP7601 reference voltage
The output voltage will adjust as needed to
ensure average ILED is supplied. For example, if
the output current is to be set at 0.35A, then
RSET = 0.57Ω. If the output LED has a
corresponding VF of 3.5V, then the SP7601 will
step down the VIN to 3.5V. If two of these LEDs
are placed in series, then SP7601 will step
down the voltage to 7V. Superimposed on ILED
current is a current ripple that is equal in
magnitude to the inductor current ripple.
Current ripple will be nominally set to 10% of
ILED by proper sizing of the inductor. Note that
throughout this datasheet ILED and IOUT will be
used interchangeably.
Dimming Signal
A logic-level PWM signal applied through a
small-signal diode to the feed-back (FB) pin
can be used to control dimming of the LED.
This signal turns the MOSFET gate drive on/off,
thereby
modulating
the
average
current
delivered to the LED. For turning the MOSFET
off, the minimum signal amplitude at the FB
node must be 1.2V; and to turn it back on it
must fall below 0.7V. The frequency of the
PWM signal can be up to 1kHz.
Figure1- 1kHz, 10% duty cycle dimming
signal applied to SP7601, ch1:LX, ch2:
dimming signal, ch4: ILED
Figure2- 1kHz, 80% duty cycle dimming
signal applied to SP7601, ch1:LX, ch2:
dimming signal, ch4: ILED



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com