Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7601_EB Datasheet(PDF) 3 Page - Exar Corporation

Part # SP7601_EB
Description  29V High Voltage LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7601_EB Datasheet(HTML) 3 Page - Exar Corporation

  SP7601_EB Datasheet HTML 1Page - Exar Corporation SP7601_EB Datasheet HTML 2Page - Exar Corporation SP7601_EB Datasheet HTML 3Page - Exar Corporation SP7601_EB Datasheet HTML 4Page - Exar Corporation SP7601_EB Datasheet HTML 5Page - Exar Corporation SP7601_EB Datasheet HTML 6Page - Exar Corporation SP7601_EB Datasheet HTML 7Page - Exar Corporation SP7601_EB Datasheet HTML 8Page - Exar Corporation SP7601_EB Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Sept25-07 Rev D
SP7601 29V High Voltage LED Driver
© 2007 Exar Corporation
Page 3
PIN DESCRIPTION
PIN #
PIN
NAME
DESCRIPTION
1
VIN
Input power supply for the controller. Place the input decoupling capacitor as
close as possible to this pin.
2
GATE
Connect to the gate terminal of the external P-channel MOSFET.
3
VDR
Power supply for the internal driver. This voltage is internally regulated to
about 5V below VIN. Place the decoupling capacitor between VDR and VIN as
close as possible to the IC.
4
FB
Regulator feedback input. A feedback resistor is connected between this pin
and the LED cathode. A current setting resistor is connected between the
cathode and ground of the LED. This pin can be also used for dimming control
and/or Power Sequencing.
5
GND
Ground pin.
6
LX
This pin is used as a current limit input for the internal current limit comparator.
Connect to the drain pin of the external MOSFET through an optional resistor.
Internal threshold is pre-set to 350mV nominal and can be decreased by
changing the external resistor based on the following formula:
VTRSHLD = 350mV – 33μA * R
BLOCK DIAGRAM
FAULT
Register
Set Dominant
POR
ENBL
4-Bit counter
VDR
VIN
GATE
5V Internal LDO
VIN - 0.35V
Overcurrent
Comparator
LX
VDR
33uA
GND
5V
+
-
+
-
VREF
FAULT
FB
Oscillator
VIN
S
R
I = k x VIN
Error Amplifier
PWM Comparator
PWM Latch
Reset Dominant
Vin - 5V LDO
FAULT
+
-
1V
FAULT
50ms delay
UVLO
S
R
R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com