Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLL024ZPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRLL024ZPBF
Description  HEXFET짰 Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLL024ZPBF Datasheet(HTML) 2 Page - International Rectifier

  IRLL024ZPBF Datasheet HTML 1Page - International Rectifier IRLL024ZPBF Datasheet HTML 2Page - International Rectifier IRLL024ZPBF Datasheet HTML 3Page - International Rectifier IRLL024ZPBF Datasheet HTML 4Page - International Rectifier IRLL024ZPBF Datasheet HTML 5Page - International Rectifier IRLL024ZPBF Datasheet HTML 6Page - International Rectifier IRLL024ZPBF Datasheet HTML 7Page - International Rectifier IRLL024ZPBF Datasheet HTML 8Page - International Rectifier IRLL024ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLL024ZPbF
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Limited by T
Jmax, starting TJ = 25°C, L = 4.8mH
RG = 25Ω, IAS = 3.0A, VGS =10V.
Part not recommended for use above this value.
ƒ Pulse width ≤ 1.0ms; duty cycle ≤ 2%.
„ Coss eff. is a fixed capacitance that gives the same
charging time as Coss while VDS is rising from 0 to 80% VDSS.
…Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical
repetitive avalanche performance.
†This value determined from sample failure population.
100% tested to this value in production.
‡When mounted on 1 inch square copper board.
ˆWhen mounted on FR-4 board using minimum
recommended footprint.
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
∆V
(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.049
–––
V/°C
–––
48
60
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
80
m
Ω
–––
–––
100
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
gfs
Forward Transconductance
7.5
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Qg
Total Gate Charge
–––
7.0
11
Qgs
Gate-to-Source Charge
–––
1.5
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
4.0
–––
td(on)
Turn-On Delay Time
–––
8.6
–––
tr
Rise Time
–––
33
–––
ns
td(off)
Turn-Off Delay Time
–––
20
–––
tf
Fall Time
–––
15
–––
Ciss
Input Capacitance
–––
380
–––
Coss
Output Capacitance
–––
66
–––
Crss
Reverse Transfer Capacitance
–––
36
–––
pF
Coss
Output Capacitance
–––
220
–––
Coss
Output Capacitance
–––
53
–––
Coss eff.
Effective Output Capacitance
–––
93
–––
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
5.0
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
40
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
15
23
ns
Qrr
Reverse Recovery Charge
–––
9.1
14
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VDS = 25V
ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 44V f
TJ = 25°C, IF = 3.0A, VDD = 28V
di/dt = 100A/µs
e
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 3.0A
e
VDS = VGS, ID = 250µA
VDS = 55V, VGS = 0V
VDS = 55V, VGS = 0V, TJ = 125°C
MOSFET symbol
VDD = 28V
ID = 3.0A
RG = 56 Ω
TJ = 25°C, IS = 3.0A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Conditions
VGS = 5.0V e
VGS = 0V
VGS = 5.0V, ID = 3.0A e
VGS = 4.5V, ID = 3.0A e
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 44V, ƒ = 1.0MHz
VDS = 25V, ID = 3.0A
ID = 3.0A
VDS = 44V
VGS = 16V
VGS = -16V
VGS = 5.0V e



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com