Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLL024ZPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRLL024ZPBF
Description  HEXFET짰 Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLL024ZPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRLL024ZPBF Datasheet HTML 2Page - International Rectifier IRLL024ZPBF Datasheet HTML 3Page - International Rectifier IRLL024ZPBF Datasheet HTML 4Page - International Rectifier IRLL024ZPBF Datasheet HTML 5Page - International Rectifier IRLL024ZPBF Datasheet HTML 6Page - International Rectifier IRLL024ZPBF Datasheet HTML 7Page - International Rectifier IRLL024ZPBF Datasheet HTML 8Page - International Rectifier IRLL024ZPBF Datasheet HTML 9Page - International Rectifier IRLL024ZPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRLL024ZPbF
10
www.irf.com
Data and specifications subject to change without notice.
This product has been designed for the Automotive [Q101] market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.12/04
SOT-223 (TO-261AA) Tape & Reel Information
Dimensions are shown in milimeters (inches)
4.10 (.161)
3.90 (.154)
1.85 (.072)
1.65 (.065)
2.05 (.080)
1.95 (.077)
12.10 (.475)
11.90 (.469)
7.10 (.279)
6.90 (.272)
1.60 (.062)
1.50 (.059)
TYP.
7.55 (.297)
7.45 (.294)
7.60 (.299)
7.40 (.292)
2.30 (.090)
2.10 (.083)
16.30 (.641)
15.70 (.619)
0.35 (.013)
0.25 (.010)
FEED DIRECTION
TR
13.20 (.519)
12.80 (.504)
50.00 (1.969)
MIN.
330.00
(13.000)
MAX.
NOTES :
1. CONTROLLING DIMENSION: MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
3. EACH O330.00 (13.00) REEL CONTAINS 2,500 DEVICES.
3
NOTES :
1. OUTLINE COMFORMS TO EIA-418-1.
2. CONTROLLING DIMENSION: MILLIMETER..
3. DIMENSION MEASURED @ HUB.
4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
15.40 (.607)
11.90 (.469)
18.40 (.724)
MAX.
14.40 (.566)
12.40 (.488)
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com