Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLL024ZPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLL024ZPBF
Description  HEXFET짰 Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLL024ZPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLL024ZPBF Datasheet HTML 1Page - International Rectifier IRLL024ZPBF Datasheet HTML 2Page - International Rectifier IRLL024ZPBF Datasheet HTML 3Page - International Rectifier IRLL024ZPBF Datasheet HTML 4Page - International Rectifier IRLL024ZPBF Datasheet HTML 5Page - International Rectifier IRLL024ZPBF Datasheet HTML 6Page - International Rectifier IRLL024ZPBF Datasheet HTML 7Page - International Rectifier IRLL024ZPBF Datasheet HTML 8Page - International Rectifier IRLL024ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRLL024ZPbF
HEXFET® Power MOSFET
VDSS = 55V
RDS(on) = 60mΩ
ID = 5.0A
12/22/04
www.irf.com
1
AUTOMOTIVE MOSFET
PD - 95990
SOT-223
Specifically designed for Automotive applications, this HEXFET®
Power MOSFET utilizes the latest processing techniques to
achieve extremely low on-resistance per silicon area. Additional
features of this design are a 150°C junction operating tempera-
ture, fast switching speed and improved repetitive avalanche
rating . These features combine to make this design an ex-
tremely efficient and reliable device for use in Automotive
applications and a wide variety of other applications.
S
D
G
Description
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
150°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free
Features
Absolute Maximum Ratings
Parameter
Units
ID @ TA = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited) i
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
i
A
IDM
Pulsed Drain Current
™
PD @TA = 25°C Power Dissipation i
PD @TA = 25°C Power Dissipation j
W
Linear Derating Factor
i
W/°C
VGS
Gate-to-Source Voltage
V
EAS (Thermally limited) Single Pulse Avalanche Energy
d
mJ
EAS (Tested )
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
g
mJ
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient (PCB mount, steady state)
i
–––
45
°C/W
RθJA
Junction-to-Ambient (PCB mount, steady state)
j
–––
120
-55 to + 150
1.0
0.02
± 16
Max.
5.0
4.0
40
2.8
38
21
See Fig.12a, 12b, 15, 16


Similar Part No. - IRLL024ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLL024ZPBF IRF-IRLL024ZPBF Datasheet
271Kb / 10P
Advanced Process Technology
IRLL024ZPBF IRF-IRLL024ZPBF Datasheet
271Kb / 10P
ADVANCED PROCESS TECHNOLOGY
IRLL024ZPBF IRF-IRLL024ZPBF_15 Datasheet
271Kb / 10P
ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRLL024ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
HEXFET짰 Power MOSFET
IRF9510PBF IRF-IRF9510PBF Datasheet
1Mb / 8P
HEXFET짰 Power MOSFET
IRF820PBF IRF-IRF820PBF Datasheet
3Mb / 7P
HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com