Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM27P16 Datasheet(PDF) 16 Page - ABOV Semiconductor Co., Ltd.

Part # ADAM27P16
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABOV [ABOV Semiconductor Co., Ltd.]
Direct Link  https://www.abov.co.kr/kr/main.php
Logo ABOV - ABOV Semiconductor Co., Ltd.

ADAM27P16 Datasheet(HTML) 16 Page - ABOV Semiconductor Co., Ltd.

Back Button ADAM27P16 Datasheet HTML 12Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 13Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 14Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 15Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 16Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 17Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 18Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 19Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 20Page - ABOV Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Page 15 of 38
2.6. Accumulator (ACC)
The 4-bit register for holding data and calculation results.
2.7. Arithmetic and Logic Unit (ALU)
In this unit, 4bits of adder/comparator are connected in parallel as it's main
components and they are combined with status latch and status logic (flag.)
2.7.1. Operation circuit (ALU) :
The adder/comparator serves fundamentally for full addition and data
comparison. It executes subtraction by making a complement by processing
an inversed output of ACC (ACC+1)
2.7.2. Status logic :
This is to bring an ST, or flag to control the flow of a program. It occurs when
a specified instruction is executed in three cases such as overflow or underflow
in operation and two inputs unequal.
Y-register has 4 bits. It operates as a data pointer or a general-purpose register.
Y-register specifies an address (A0~A3) in a page of data memory, as well as it
is used to specify an output port. Further it is used to specify a mode of carrier
signal outputted from the ROUT port. It can also be treated as a general-
purpose register on a program.
2.5. Y-register (Y)
2.8. Clock Generator
ADAM27PXX has an internal RC oscillator that supports a frequency of 3.64MHz only.
The oscillator circuit is designed to operate without an external ceramic resonator.
The Internal Oscillator is calibrated using the Rom-writer. In STOP mode, the internal
oscillator stops.
ADAM27PXX
2. Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com