Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM27P16 Datasheet(PDF) 2 Page - ABOV Semiconductor Co., Ltd.

Part # ADAM27P16
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABOV [ABOV Semiconductor Co., Ltd.]
Direct Link  https://www.abov.co.kr/kr/main.php
Logo ABOV - ABOV Semiconductor Co., Ltd.

ADAM27P16 Datasheet(HTML) 2 Page - ABOV Semiconductor Co., Ltd.

  ADAM27P16 Datasheet HTML 1Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 2Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 3Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 4Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 5Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 6Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 7Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 8Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 9Page - ABOV Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Page 1 of 38
■
Program memory
●
2,048 bytes (2,048 x 8bit)
●
MTP(Multi Time Programming) : 1K * 2, 2K * 1
■
Data memory (RAM)
●
32 nibble (32 x 4bit)
■
3 levels of subroutine nesting
■
8-bit Table Read Instruction
■
Oscillator Type (Operating frequency)
●
Internal RC Oscillator (typically 3.64MHz)
■
Instruction cycle
●
fOSC/48
■
Stop mode
■
Released stop mode by key input
■
Built in Power-on Reset circuit
■
Built in Transistor for I.R LED Drive
●
IOL=250mA at VDD=3V and VO=0.3V
■
Built in Low Voltage reset circuit
■
Built in a watch dog timer (WDT)
■
Low operating voltage
●
1.8 ~ 3.6V
■
8/16-SOP Package.
1. OVERVIEW
The ADAM27PXX is remote control transmitter which uses CMOS technology.
The ADAM27PXX is suitable for remote control of TV, VCR, FANS, Air-conditioners,
Audio Equipments, Toys, Games etc. The ADAM27PXX is MTP version.
1.1. Features
Table 1.1 ADAM27PXX series members
1. Overview
ADAM27PXX
Series
ADAM27P16
ADAM27P08
Program memory
2,048 x 8
2,048 x 8
Data memory
32 x 4
32 x 4
I/O ports
13
5
Output ports
1
1
Package
16SOP(150mil)
8SOP(150mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com