Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM27P16 Datasheet(PDF) 39 Page - ABOV Semiconductor Co., Ltd.

Part # ADAM27P16
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABOV [ABOV Semiconductor Co., Ltd.]
Direct Link  https://www.abov.co.kr/kr/main.php
Logo ABOV - ABOV Semiconductor Co., Ltd.

ADAM27P16 Datasheet(HTML) 39 Page - ABOV Semiconductor Co., Ltd.

Back Button ADAM27P16 Datasheet HTML 31Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 32Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 33Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 34Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 35Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 36Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 37Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 38Page - ABOV Semiconductor Co., Ltd. ADAM27P16 Datasheet HTML 39Page - ABOV Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
Page 38 of 38
ADAM27PXX
Appendix
Pre-notice to programming the device
Configuration : OPTION0 address 4000h– Read / Write Area
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
SIZE[1:0]
LOCK[1:0]
RCAL[3:0]
This device uses command based programming algorithm.
You can read configuration data when you want.
You can read code memory when you want, except device protection was enabled.
Blank data is 0xff.
Name
Option Description
Option Value
Option Results
SIZE
MTP Size Definition
11
2kbytes x 1time
01
1’st 1kbyte
00
2’nd 1kbyte
10
prohibited
LOCK
MTP Lock Definition
11
un-lock
01
lock in 1’st 1kbyte
00
lock in 2’nd 1kbyte
lock in 2kbytes
10
prohibited
RCAL
IRC Re-calibration
1111
1110
1101
1100
1011
1010
1000
0111
0110
0101
0100
0011
0010
0001
0000
using CAL0[7:0] in OPTION1(@0x4030)
1001
Using CAL2[6:0] in OPTION2(@0x4020)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com