Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER50A-E Datasheet(PDF) 15 Page - STMicroelectronics

Part # VIPER50A-E
Description  SMPS PRIMARY I.C.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER50A-E Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VIPER50A-E Datasheet HTML 11Page - STMicroelectronics VIPER50A-E Datasheet HTML 12Page - STMicroelectronics VIPER50A-E Datasheet HTML 13Page - STMicroelectronics VIPER50A-E Datasheet HTML 14Page - STMicroelectronics VIPER50A-E Datasheet HTML 15Page - STMicroelectronics VIPER50A-E Datasheet HTML 16Page - STMicroelectronics VIPER50A-E Datasheet HTML 17Page - STMicroelectronics VIPER50A-E Datasheet HTML 18Page - STMicroelectronics VIPER50A-E Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
VIPer50A-E/ASP-E
5 Operation Description
15/31
5.8
Operation Pictures
Figure 5.
VDD Regulation Point
Figure 6.
Undervoltage Lockout
Figure 7.
Transition Time
Figure 8.
Shutdown Action
Figure 9.
Breakdown Voltage vs. Temperature Figure 10. Typical Frequency Variation
ICOMP
ICOMPHI
ICOMPLO
VDDreg
0
VDD
Slope=
GminmA/V
FC00150
VDDon
IDDch
IDD0
VDD
VDDoff
VDS= 35 V
Fsw = 0
IDD
VDDhyst
FC 00170
ID
VDS
t
t
tf
tr
10% Ipeak
10% VD
90% VD
FC00160
VCOMP
VOSC
ID
t
tDISsu
t
t
ENABLE
DISABLE
ENABLE
VCOMPth
FC00060
Temperature (°C)
FC00180
0
204060
80
100 120
0.95
1
1.05
1.1
1.15
BVDSS
(Normalized)
Temperature (°C)
0
20
40
60
80
100 120 140
-5
-4
-3
-2
-1
0
1
FC00190
(%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com