Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER50A-E Datasheet(PDF) 18 Page - STMicroelectronics

Part # VIPER50A-E
Description  SMPS PRIMARY I.C.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER50A-E Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VIPER50A-E Datasheet HTML 14Page - STMicroelectronics VIPER50A-E Datasheet HTML 15Page - STMicroelectronics VIPER50A-E Datasheet HTML 16Page - STMicroelectronics VIPER50A-E Datasheet HTML 17Page - STMicroelectronics VIPER50A-E Datasheet HTML 18Page - STMicroelectronics VIPER50A-E Datasheet HTML 19Page - STMicroelectronics VIPER50A-E Datasheet HTML 20Page - STMicroelectronics VIPER50A-E Datasheet HTML 21Page - STMicroelectronics VIPER50A-E Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
5 Operation Description
VIPer50A-E/ASP-E
18/31
Figure 14. Oscillator
Rt
Ct
OSC
VDD
CLK
FC 0005 0
Ct
Fsw
40kHz
15nF
22nF
Forbidden area
Forbidden area
Ct(nF) =
Fsw(kHz)
880
1
2
3
5
10
20
30
50
30
50
100
200
300
500
1,000
Rt (k
Ω)
Oscillator frequency vs Rt and Ct
Ct = 1.5 nF
Ct = 2.7 nF
Ct = 4.7 nF
Ct = 10 nF
FC00030
FC00030
For Rt > 1.2kΩ and Ct ≤ 40KHz
F
SW
2.3
R
tCt
-----------1
550
R
t
150
–
--------------------
–
⎝⎠
⎛⎞
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com