Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER50A-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # VIPER50A-E
Description  SMPS PRIMARY I.C.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER50A-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VIPER50A-E Datasheet HTML 17Page - STMicroelectronics VIPER50A-E Datasheet HTML 18Page - STMicroelectronics VIPER50A-E Datasheet HTML 19Page - STMicroelectronics VIPER50A-E Datasheet HTML 20Page - STMicroelectronics VIPER50A-E Datasheet HTML 21Page - STMicroelectronics VIPER50A-E Datasheet HTML 22Page - STMicroelectronics VIPER50A-E Datasheet HTML 23Page - STMicroelectronics VIPER50A-E Datasheet HTML 24Page - STMicroelectronics VIPER50A-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
VIPer50A-E/ASP-E
6 Electrical Over Stress
21/31
6
Electrical Over Stress
6.1
Electrical Over Stress Ruggedness
The VIPer may be submitted to electrical over-stress, caused by violent input voltage surges or
lightning. Following the Layout Considerations is sufficient to prevent catastrophic damages
most of the time. However in some cases, the voltage surges coupled through the transformer
auxiliary winding can exceed the VDD pin absolute maximum rating voltage value. Such events
may trigger the VDD internal protection circuitry which could be damaged by the strong
discharge current of the VDD bulk capacitor. The simple RC filter shown in Figure 23 can be
implemented to improve the application immunity to such surges.
Figure 23. Input Voltage Surges Protection
C1
Bulk capacitor
D1
R1
(Optional)
C2
22nF
Auxilliary winding
13V
OSC
COMP SOURCE
DRAIN
VDD
-
+
VIPerXX0
R2
39R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com