Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3086AM Datasheet(PDF) 2 Page - International Rectifier

Part # IR3086AM
Description  XPHASETM PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3086AM Datasheet(HTML) 2 Page - International Rectifier

  IR3086AM Datasheet HTML 1Page - International Rectifier IR3086AM Datasheet HTML 2Page - International Rectifier IR3086AM Datasheet HTML 3Page - International Rectifier IR3086AM Datasheet HTML 4Page - International Rectifier IR3086AM Datasheet HTML 5Page - International Rectifier IR3086AM Datasheet HTML 6Page - International Rectifier IR3086AM Datasheet HTML 7Page - International Rectifier IR3086AM Datasheet HTML 8Page - International Rectifier IR3086AM Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
IR3086A
ORDERING INFORMATION
Device
Order Quantity
IR3086AMTR
3000 per reel
IR3086AM
100 piece strips
ABSOLUTE MAXIMUM RATINGS
Operating Junction Temperature……………..150
oC
Storage Temperature Range………………….-65
oC to 150oC
ESD Rating………………………………………HBM Class 1C JEDEC standard
PIN #
PIN NAME
VMAX
VMIN
ISOURCE
ISINK
1
RMPIN+
20V
-0.3V
1mA
1mA
2
RMPIN-
20V
-0.3V
1mA
1mA
3
HOTSET
20V
-0.3V
1mA
1mA
4
VRHOT
20V
-0.3V
1mA
30mA
5
ISHARE
20V
-0.3V
5mA
5mA
6
SCOMP
20V
-0.3V
1mA
1mA
7
EAIN
20V
-0.3V
1mA
1mA
8
PWMRMP
20V
-0.3V
1mA
20mA
9
LGND
n/a
n/a
50mA
n/a
10
VCC
24V
-0.3V
n/a
50mA
11
VCCL
27V
-0.3V
n/a
3A for 100ns,
200mA DC
12
GATEL
27V
-0.3V DC, -2V for
100ns
3A for 100ns,
200mA DC
3A for 100ns,
200mA DC
13
PGND
0.3V
-0.3V
3A for 100ns,
200mA DC
n/a
14
GATEH
27V
-0.3V DC, -2V for
100ns
3A for 100ns,
200mA DC
3A for 100ns,
200mA DC
15
VCCH
27V
-0.3V
n/a
3A for 100ns,
200mA DC
16
CSIN+
20V
-0.3V
1mA
1mA
17
CSIN-
20V
-0.3V
1mA
1mA
18
PHSFLT
20V
-0.3V
1mA
20mA
19
DACIN
20V
-0.3V
1mA
1mA
20
BIASIN
20V
-0.3V
1mA
1mA
Page 2 of 33
1/31/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com