Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3086AM Datasheet(PDF) 13 Page - International Rectifier

Part # IR3086AM
Description  XPHASETM PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3086AM Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3086AM Datasheet HTML 9Page - International Rectifier IR3086AM Datasheet HTML 10Page - International Rectifier IR3086AM Datasheet HTML 11Page - International Rectifier IR3086AM Datasheet HTML 12Page - International Rectifier IR3086AM Datasheet HTML 13Page - International Rectifier IR3086AM Datasheet HTML 14Page - International Rectifier IR3086AM Datasheet HTML 15Page - International Rectifier IR3086AM Datasheet HTML 16Page - International Rectifier IR3086AM Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
IR3086A
APPLICATION INFORMATION
RCS+
DBST
CBST
RCS+
DBST
CBST
VGATE
RGATE
DGATE
QGATE
RCS+
DBST
CBST
RVCC
20k
RBIASIN
RDRP
CVCCL
CVCC
CIN
CCS+
CSCOMP
ROCSET
CIN
RCS-
CCS-
RCS-
CIN
RPWMRMP
RDRP1
RVCC
CCS+
CCS+
CVCC
RCS-
0.1uF
CVCC
RVCC
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3086A
PHASE
IC
0.1uF
CSCOMP
CSCOMP
CCS-
20k
RBIASIN
RPWMRMP
CCS-
CVCCL
CVCCL
L
CSCOMP
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3086A
PHASE
IC
CDRP
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3086A
PHASE
IC
RVCC
CVDAC
CVCC
20k
RBIASIN
CCP1
CCS-
RBBFB
RCS+
RVDAC
RPWMRMP
L
CCS-
20k
RBIASIN
CIN
RSHARE
CCS-
CCS+
L
CFB
RCS-
RFB
10 ohm
RVCC
CSCOMP
CVCC
CIN
CVCC
RCS-
20k
RBIASIN
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3086A
PHASE
IC
CVCCL
ROSC
L
RFB1
RCS+
DBST
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3086A
PHASE
IC
CCP
CBST
CCS+
RCS+
RVCC
RPWMRMP
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3086A
PHASE
IC
RCP
CVCC
L
RCS-
RVCC
20k
RBIASIN
CVCCL
L
RBBDRP
RPWMRMP
CVCCL
OSCDS
1
VID5
2
VID0
3
VID1
4
VID2
5
VID3
6
VID4
7
VBIAS
21
BBFB
20
EAOUT
19
18
FB
VDRP
17
IIN
16
OCSET
15
IR3081A
CONTROL
IC
RPWMRMP
CIN
CSCOMP
CCS+
PHASE FAULT
VRHOT
POWERGOOD
VOUT SENSE-
VOUT SENSE+
VOUT+
ENABLE
VOUT-
VID4
VID0
VID5
VID2
VID1
VID3
12V
DISTRIBUTION
IMPEDANCE
COUT
RCS+
DBST
CBST
RCS+
DBST
CBST
Page 13 of 33
1/31/05
Figure 7. IR3081A/IR3086A Six-Phase VRM/EVRD 10 Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com