Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3086AM Datasheet(PDF) 16 Page - International Rectifier

Part # IR3086AM
Description  XPHASETM PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3086AM Datasheet(HTML) 16 Page - International Rectifier

Back Button IR3086AM Datasheet HTML 12Page - International Rectifier IR3086AM Datasheet HTML 13Page - International Rectifier IR3086AM Datasheet HTML 14Page - International Rectifier IR3086AM Datasheet HTML 15Page - International Rectifier IR3086AM Datasheet HTML 16Page - International Rectifier IR3086AM Datasheet HTML 17Page - International Rectifier IR3086AM Datasheet HTML 18Page - International Rectifier IR3086AM Datasheet HTML 19Page - International Rectifier IR3086AM Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
IR3086A
IR3086A EXTERNAL COMPONENTS
PWM Ramp Resistor RPWMRMP and Capacitor CPWMRMP
PWM ramp is generated by connecting the resistor RPWMRMP between a voltage source and PWMRMP pin as well
as the capacitor CPWMRMP between PWMRMP and LGND. Choose the desired PWM ramp magnitude VRAMP and
the capacitor CPWMRMP in the range of 100pF and 470pF, and then calculate the resistor RPWMRMP from Equation
(15). To achieve feed-forward voltage mode control, the resistor RRAMP should be connected to the input of the
converter.
)]
ln(
)
[ln(
*
*
*
PWMRMP
DAC
IN
DAC
IN
PWMRMP
SW
IN
O
PWMRMP
V
V
V
V
V
C
f
V
V
R
−
−
−
−
=
(15)
Inductor Current Sensing Capacitor CCS+ and Resistors RCS+ and RCS-
The DC resistance of the inductor is utilized to sense the inductor current. Usually the resistor RCS+ and capacitor
CCS+ in parallel with the inductor are chosen to match the time constant of the inductor, and therefore the voltage
across the capacitor CCS+ represents the inductor current. If the two time constants are not the same, the AC
component of the capacitor voltage is different from that of the real inductor current. The time constant mismatch
does not affect the average current sharing among the multiple phases, but affect the current signal ISHARE as well
as the output voltage during the load current transient if adaptive voltage positioning is adopted.
Measure the inductance L and the inductor DC resistance RL. Pre-select the capacitor CCS+ and calculate RCS+ as
follows.
+
+ =
CS
L
CS
C
R
L
R
(16)
The bias current flowing out of the non-inverting input of the current sense amplifier creates a voltage drop across
RCS+, which is equivalent to an input offset voltage of the current sense amplifier. The offset affects the accuracy of
converter current signal ISHARE as well as the accuracy of the converter output voltage if adaptive voltage
positioning is adopted. To reduce the offset voltage, a resistor RCS- should be added between the amplifier inverting
input and the converter output. The resistor RCS- is determined by the ratio of the bias current from the non-inverting
input and the bias current from the inverting input.
+
−
+
−
∗
=
CS
CSIN
CSIN
CS
R
I
I
R
(17)
If RCS- is not used, RCS+ should be chosen so that the offset voltage is small enough. Usually RCS+ should be less
than 2 kΩ and therefore a larger CCS+ value is needed.
Over Temperature Setting Resistors RHOTSET1 and RHOTSET2
The threshold voltage of VRHOT comparator is proportional to the die temperature TJ (ºC) of phase IC. Determine
the relationship between the die temperature of phase IC and the temperature of the power converter according to
the power loss, PCB layout and airflow etc, and then calculate HOTSET threshold voltage corresponding to the
allowed maximum temperature from Equation (18).
241
.
1
*
10
*
73
.
4
3
+
=
−
J
HOTSET
T
V
(18)
There are two ways to set the over temperature threshold, central setting and local setting. In the central setting,
only one resistor divider is used, and the setting voltage is connected to HOTSET pins of all the phase ICs. To
reduce the influence of noise on the accuracy of over temperature setting, a 0.1uF capacitor should be placed next
to HOTSET pin of each phase IC. In the local setting, a resistor divider per phase is needed, and the setting voltage
is connected to HOTSET pin of each phase. The 0.1uF decoupling capacitor is not necessary. Use VBIAS as the
reference voltage. If RHOTSET1 is pre-selected, RHOTSET2 can be calculated as follows.
HOTSET
BIAS
HOTSET
HOTSET
HOTSET
V
V
V
R
R
−
∗
=
1
2
(19)
Page 16 of 33
1/31/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com