Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T94 Datasheet(PDF) 28 Page - STMicroelectronics

Part # M41T94
Description  Serial real-time clock with 44 bytes NVRAM and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M41T94_07 Datasheet HTML 24Page - STMicroelectronics M41T94_07 Datasheet HTML 25Page - STMicroelectronics M41T94_07 Datasheet HTML 26Page - STMicroelectronics M41T94_07 Datasheet HTML 27Page - STMicroelectronics M41T94_07 Datasheet HTML 28Page - STMicroelectronics M41T94_07 Datasheet HTML 29Page - STMicroelectronics M41T94_07 Datasheet HTML 30Page - STMicroelectronics M41T94_07 Datasheet HTML 31Page - STMicroelectronics M41T94_07 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Clock operations
M41T94
28/41
4.13
Initial power-on defaults
Upon initial application of power to the device, the following register bits are set to a '0' state:
Watchdog register, TR, FT, AFE, ABE, and SQWE. The following bits are set to a '1' state:
ST, OUT, and HT (see Table 9: Default values).
Table 8.
tREC definitions
tREC bit (TR)
STOP bit (ST)
tREC time
Units
Min
Max
00
96
98
ms
01
40
200(1)
1.
Default setting
ms
1
X
50
2000
µs
Table 9.
Default values
Condition
TR
ST
HT
Out
FT
AFE
ABE
SQWE
WATCHDOG
register(1)
1.
BMB0-BMB4, RB0, RB1.
Initial power-up
(battery attach for
SNAPHAT)(2)
2.
State of other control bits undefined.
0111
000
0
0
Subsequent power-up
(with battery back-up)(3)
3.
UC = Unchanged
UC
UC
1
UC
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com