Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T94 Datasheet(PDF) 31 Page - STMicroelectronics

Part # M41T94
Description  Serial real-time clock with 44 bytes NVRAM and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M41T94_07 Datasheet HTML 27Page - STMicroelectronics M41T94_07 Datasheet HTML 28Page - STMicroelectronics M41T94_07 Datasheet HTML 29Page - STMicroelectronics M41T94_07 Datasheet HTML 30Page - STMicroelectronics M41T94_07 Datasheet HTML 31Page - STMicroelectronics M41T94_07 Datasheet HTML 32Page - STMicroelectronics M41T94_07 Datasheet HTML 33Page - STMicroelectronics M41T94_07 Datasheet HTML 34Page - STMicroelectronics M41T94_07 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
M41T94
DC and AC parameters
31/41
Table 13.
DC characteristics
Symb.
Parameter
Test condition(1)
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 2.7 to 5.5V (except where noted).
Min
Typ
Max
Unit
IBAT
Battery current OSC on
TA = 25°C, VCC =
0V, VBAT = 3V
400
500
nA
Battery current OSC off
50
nA
ICC1
Supply current
f = 2 MHz
2
mA
ICC2
Supply current (standby)
SCL, SDI =
VCC – 0.3V
1.4
mA
ILI
(2)
2.
RSTIN1 and RSTIN2 internally pulled-up to VCC through 100KΩ resistor. WDI internally pulled-down to
VSS through 100KΩ resistor.
Input leakage current
0V
≤ VIN ≤ VCC
±1
µA
ILO
(3)
3.
Outputs deselected.
Output leakage current
0V
≤ VOUT ≤ VCC
±1
µA
VIH
Input high voltage
0.7VCC
VCC + 0.3
V
VIL
Input low voltage
–0.3
0.3VCC
V
VBAT
Battery voltage
2.5
3.5(4)
4.
For rechargeable back-up, VBAT (max) may be considered VCC.
V
VOH
Output high voltage(5)
5.
For SQW pin (CMOS).
IOH = –1.0mA
2.4
V
VOL
Output low voltage(5)
IOL = 3.0mA
0.4
V
Output low voltage
(open drain)(6)
6.
For IRQ/FT/OUT, RST pins (open drain): if pulled-up to supply other than VCC, this supply must be equal
to, or less than 3.0V when VCC = 0V (during battery back-up mode).
IOL = 10mA
0.4
Pull-up supply voltage
(open drain)
RST, IRQ/FT/OUT
5.5
V
VPFD
Power fail deselect (THS = VCC)
4.20
4.40
4.50
V
Power fail deselect (THS = VSS)
2.55
2.60
2.70
VSO
Battery back-up switchover
2.5
V
Table 14.
Crystal electrical characteristics (externally supplied)
Symbol
Parameter(1)(2)
1.
Load capacitors are integrated within the M41T94. Circuit board layout considerations for the 32.768 kHz
crystal of minimum trace lengths and isolation from RF generating signals should be taken into account.
These characteristics are externally supplied.
2.
STMicroelectronics recommends the KDS DT-38: 1TA/1TC252E127, Tuning Fork Type (thru-hole) or the
DMX-26S: 1TJS125FH2A212, (SMD) quartz crystal for industrial temperature operations. For contact
information on this crystal type, see Section 9: References on page 39.
Typ
Min
Max
Unit
f0
Resonant frequency
32.768
kHz
RS
Series resistance
50
k
Ω
CL
Load capacitance
12.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com