Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T94 Datasheet(PDF) 40 Page - STMicroelectronics

Part # M41T94
Description  Serial real-time clock with 44 bytes NVRAM and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M41T94_07 Datasheet HTML 33Page - STMicroelectronics M41T94_07 Datasheet HTML 34Page - STMicroelectronics M41T94_07 Datasheet HTML 35Page - STMicroelectronics M41T94_07 Datasheet HTML 36Page - STMicroelectronics M41T94_07 Datasheet HTML 37Page - STMicroelectronics M41T94_07 Datasheet HTML 38Page - STMicroelectronics M41T94_07 Datasheet HTML 39Page - STMicroelectronics M41T94_07 Datasheet HTML 40Page - STMicroelectronics M41T94_07 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
Revision history
M41T94
40/41
10
Revision history
Table 22.
Document revision history
Date
Revision
Changes
April 2002
1.0
First edition
25-Apr-02
1.1
Adjust graphic (Figure 4 on page 9); fix table text (Table 10 on page 29,
Table 20 on page 38); adjust characteristics (Table 13 on page 31,
Table 14 on page 31)
03-Jul-02
1.2
Modify DC, Crystal Electrical Characteristics footnotes, Default Value
table (Table 13 on page 31, Table 14 on page 31, Table 9 on page 28)
06-Nov-02
1.3
Correct dimensions (Table 19 on page 37)
26-Mar-03
1.4
Update test condition (Table 15 on page 32)
28-Apr-03
2.0
New Si changes (Figure 4 on page 9; Table 15 on page 32, Table 7 on
page 24, Table 8 on page 28, Table 9 on page 28)
15-Jun-04
3.0
Reformatted; added Lead-free information; update characteristics
(Figure 14 on page 26; Table 10 on page 29, Table 13 on page 31,
Table 20 on page 38)
29-Aug-2006
4
Changed document to new template; amalgamated diagrams in
Features on page 1; updated Package mechanical data in Section 7:
Package mechanical data; small text changes for entire document,
ECOPACK compliant
09-Nov-2007
5
Added lead-free second level interconnect information to cover page and
Section 7: Package mechanical data; minor formatting changes
throughout document; updated Table 10, footnote 1 in Table 14,
Table 20, 21; addition of Section 9: References.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com