Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1528 Datasheet(PDF) 15 Page - ams AG

Part # AS1528
Description  Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1528 Datasheet(HTML) 15 Page - ams AG

Back Button AS1528 Datasheet HTML 11Page - ams AG AS1528 Datasheet HTML 12Page - ams AG AS1528 Datasheet HTML 13Page - ams AG AS1528 Datasheet HTML 14Page - ams AG AS1528 Datasheet HTML 15Page - ams AG AS1528 Datasheet HTML 16Page - ams AG AS1528 Datasheet HTML 17Page - ams AG AS1528 Datasheet HTML 18Page - ams AG AS1528 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
www.austriamicrosystems.com
Revision 1.00
15 - 21
AS1528/AS1529
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 23. Microwire Serial Interface Connections
Figure 24. SPI/Microwire Interface Timing Diagram (CPOL = CPHA = 0)
QSPI Interface
Using the high-speed QSPI interface (Figure 25) with CPOL = 0 and CPHA = 0, the AS1528/AS1529 support a maxi-
mum fSCLK of 8MHz. One 12- to 16-bit reads are necessary to obtain the entire 10-bit result from the AS1528/AS1529.
DOUT data transitions on the serial clock’s falling edge and is clocked into the processor on SCLK’s rising edge. The
first 10 bits are the data. DOUT then goes high impedance (see Figure 23).
Figure 25. QSPI Serial Interface Connections
AS1528/
AS1529
CPU
SI
I/O
SK
7
DOUT
6
CNVST
8
SCLK
SCLK
CNVST
Sampling Instant
1
4
8
12
DOUT
High Z
16
1st Byte Read
2nd Byte Read
B8
B7
B6
B5
B4
B3
B2
B1
B9
MSB
B0
LSB
ZERO ZERO
AS1528/
AS1529
CPU
SSM
MISO
CSM
SCK
7
DOUT
6
CNVST
8
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com