Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1528 Datasheet(PDF) 18 Page - ams AG

Part # AS1528
Description  Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1528 Datasheet(HTML) 18 Page - ams AG

Back Button AS1528 Datasheet HTML 13Page - ams AG AS1528 Datasheet HTML 14Page - ams AG AS1528 Datasheet HTML 15Page - ams AG AS1528 Datasheet HTML 16Page - ams AG AS1528 Datasheet HTML 17Page - ams AG AS1528 Datasheet HTML 18Page - ams AG AS1528 Datasheet HTML 19Page - ams AG AS1528 Datasheet HTML 20Page - ams AG AS1528 Datasheet HTML 21Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
www.austriamicrosystems.com
Revision 1.00
18 - 21
AS1528/AS1529
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Layout and Grounding Considerations
The AS1528/AS1529 require proper layout and design procedures for optimum performance.
!
Use printed circuit boards; wirewrap boards should not be used.
!
Separate analog and digital traces from each other. Analog and digital traces should not run parallel to each other
(especially clock traces).
!
Digital traces should not run beneath the AS1528/AS1529.
!
Use a single-point analog ground at GND, separate from the digital ground (see Figure 29). Connect all other ana-
log grounds and DGND to this star ground point for further noise reduction. No other digital system ground should
be connected to this single-point analog ground. The ground return to the power supply for this ground should be
low impedance and as short as possible for noise-free operation.
!
High-frequency noise in the VDD power supply may affect the AS1528/AS1529 high-speed comparator. Bypass
this supply to the single-point analog ground with 0.1µF and 4.7µF bypass capacitors (see Figure 29). The bypass
capacitors should be placed as close to the device as possible for optimum power supply noise-rejection. If the
power supply is very noisy, a 10
Ω resistor can be connected as a low-pass filter to attenuate supply noise
!
Power components such as the inductor, converter IC, filter capacitors, and output diode should be placed as close
together as possible, and their traces should be kept short, direct, and wide.
!
Keep the voltage feedback network very close to the device, within 5mm (0.2”) of the pin.
!
Keep noisy traces, such as those from the pin LX, away from the voltage feedback network and guarded from
them using grounded copper traces.
Figure 29. Recommended Ground Design
AS1528/
AS1529
Power
Supplies
Digital
Circuitry
0.1µF
GND
+5 or +3V
1
VDD
4
GND
+5 or +3V
+5 or +3V
DGND
GND
5
Ω
(Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com