Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P808 Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78P808
Description  8-BITMICRO-CONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P808 Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78P808 Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
EM78808
8-bit Micro-controller
______________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
21
8/1/2004 (V3.1)
Bit 6 (PLLEN) : PLL enable control bit
It is CPU mode control register. If PLL is enabled, CPU will operate at normal mode (high frequency,
main clock); otherwise, it will run at green mode (low frequency, 32768 Hz).
0/1
disable/enable
Sub-clock
32.768kHz
PLL
switch
0
ENPLL
CLK1 ~ CLK0
1
System clock
3.5826M Hz to analog circuit
=>895.658kHz
=>1.7913M Hz
=>3.5826M Hz
=>10.7479M Hz
4
÷
2
3
×
1
×
÷
Fig.10 The relation between 32.768kHz and PLL
Bit 7: Unused register. Always keep this bit to 0 or some un-expect error will happen!
The status after wake-up and the wake-up sources list as the table below.
Wakeup signal
SLEEP mode
GREEN mode
NORMAL mode
RA(7,6)=(0,0)
+ SLEP
RA(7,6)=(x,0)
no SLEP
RA(7,6)=(x,1)
no SLEP
TCC time out
IOCF bit 0=1
And "ENI"
No function
Interrupt
(jump to address 8
at page0)
Interrupt
(jump to address
8 at page0)
COUNTER1 time out
IOCF bit 1=1
And "ENI"
No function
Interrupt
(jump to address 8
at page0)
Interrupt
(jump to address
8 at page0)
COUNTER2 time out
IOCF bit 2=1
And "ENI"
No function
Interrupt
(jump to address 8
at page0)
Interrupt
(jump to address
8 at page0)
WDT time out
RESET and
Jump to address
0
RESET and Jump
to address 0
RESET and
Jump to address
0
PORT7
IOCF bit3 or bit4 or
bit5 = 1
And "ENI"
RESET and
Jump to address
0
Interrupt
(jump to address 8
at page0)
Interrupt
(jump to address
8 at page0)
DED interrupt
IOCE page2 bit 6 = 1
And RE page1 bit6
logic level variation
(switch by EDGE bit)
And “ENI”
No function
Interrupt
(jump to address 8
at page0)
Interrupt
(jump to address
8 at page0)
Stack overflow
IOC5 page2 bit7=1
&bit 6: 0
1
And “ENI”
No function
Interrupt
(jump to address 8
at page0)
Interrupt
(jump to address
8 at page0)
<Note> Stack overflow interrupt function is exist in ROM less and OTP chip only.
<Note> PORT70 ~ PORT73 's wakeup function is controlled by IOCF bit3 and ENI instruction. They are
falling edge trigger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com