Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P808 Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM78P808
Description  8-BITMICRO-CONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P808 Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM78P808 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
EM78808
8-bit Micro-controller
______________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
39
8/1/2004 (V3.1)
PAGE1 (PORT7 pull high control register)
7
6
5
4
3
2
1
0
PH77
PH76
PH75
PH74
PH73
PH72
PH71
PH70
Bit 0~Bit 7(PH70~PH77) : PORT7(0~7) pull high control register
0
disable pull high function.
1
enable pull high function
IOCB (PORTB I/O control, PORT6 pull high control)
PAGE0 (PORTB I/O control register)
7
6
5
4
3
2
1
0
IOCB7
IOCB6
IOCB5
IOCB4
IOCB3
IOCB2
IOCB1
IOCB0
Bit 0~Bit 7(IOCB0~IOCB7) : PORTB(0~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
PAGE1 (PORT6 pull high control register)
7
6
5
4
3
2
1
0
PH67
PH66
PH65
PH64
PH63
PH62
PH61
PH60
Bit 0~Bit 7(PH60~PH67) : PORT6(0~7) pull high control register
0
disable pull high function.
1
enable pull high function
IOCC (PORTC I/O control, TONE1 control)
PAGE0 (PORT9 I/O control register)
7
6
5
4
3
2
1
0
IOCC7
IOCC6
IOCC5
IOCC4
IOCC3
IOCC2
IOCC1
IOCC0
Bit 0~Bit 7(IOCC0~IOCC7) : PORTC(0~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
PAGE1 (TONE1 control register)
7
6
5
4
3
2
1
0
T17
T16
T15
T14
T13
T12
T11
T10
Bit 0~Bit 7(T10~T17) : Tone generator1‘s frequency divider and power control
Please Run in Normal mode .
Clock source = 111957Hz
T17~T10 = ‘11111111’
Tone generator1 will has 439(111957/N , N=255) Hz SIN wave output.
:
:
T17~T10 = ‘00000010’
Tone generator1 will has 55978(111957/N , N=2) Hz SIN wave output.
T17~T10 = ‘00000001’
DC bias voltage output
T17~T10 = ‘00000000’
Power off
Built-in tone generator can generate dialing tone signals for telephone of dialing tone type or just a single
tone. In DTMF application, there are two kinds of tone. One is the group of row frequency (TONE1), the other
is the group of column frequency (TONE2), each group has 4 kinds of frequency, user can get 16 kinds of
DTMF frequency totally. Tone generator contains a row frequency sine wave generator for generating the
DTMF signal which selected by IOCC page1 and a column frequency sine wave generator for generating the
DTMF signal which selected by IOCD page1. This block can generate single tone by filling one of these two
register.
If all the values are low, the power of tone generators will turn off .
TONE2 (IOCD PAGE1) High group freq.
1203.8Hz
(0X5D)
1332.8Hz
(0X54)
1473.1Hz
(0X4C)
1646.4Hz
(0X44)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com