Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P808 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78P808
Description  8-BITMICRO-CONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P808 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78P808 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
EM78808
8-bit Micro-controller
______________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
13
8/1/2004 (V3.1)
R1 (TCC)
TCC data buffer. Increased by 16.38KHz or by the instruction cycle clock (controlled by CONT register).
Written and read by the program as any other register.
R2 (Program Counter)
The structure is depicted in Fig. 5.
Generates 32K
× 13 on-chip PROGRAM ROM addresses to the relative programming instruction codes.
"JMP" instruction allows the direct loading of the low 10 program counter bits.
"CALL" instruction loads the low 10 bits of the PC, PC+1, and then push into the stack.
"RET'' ("RETL k", "RETI") instruction loads the program counter with the contents at the top of stack.
"MOV R2,A" allows the loading of an address from the A register to the PC, and the ninth and tenth bits are
cleared to "0''.
"ADD R2,A" allows a relative address be added to the current PC, and contents of the ninth and tenth bits are
cleared to "0''.
"TBL" allows a relative address be added to the current PC, and contents of the ninth and tenth bits don't change.
The most significant bit (A10~A14) will be loaded with the content of bit PS0~PS3 in the status register (R5)
upon the execution of a "JMP'', "CALL'', "ADD R2,A'', or "MOV R2,A'' instruction.
If a interrupt trigger, PROGRAM ROM will jump to address8 at page0. The CPU will store ACC,R3 status and
R5 PAGE automatically, it will restore after instruction RETI.
Fig.5 Program counter organization
R3 (Status Register)
7
6
5
4
3
2
1
0
PAGE
IOCP1S
IOCPAGE
T
P
Z
DC
C
Bit 0 (C) : Carry flag
Bit 1 (DC) : Auxiliary carry flag
Bit 2 (Z) : Zero flag
Bit 3 (P) : Power down bit.
Set to 1 during power on or by a "WDTC" command and reset to 0 by a "SLEP" command.
Bit 4 (T) : Time-out bit.
Set to 1 by the "SLEP" and "WDTC" command, or during power up and reset to 0 by WDT timeout.
PC
A14 A13 A12 A11 A10
A9 A8
A7~A0
00000
PAGE0 0000~03FF
00001
PAGE1 0400~07FF
11110
PAGE30 7800~7BFF
11111
PAGE31 7C00~7FFF
00010
PAGE2 0800~0BFF
STACK1
STACK2
STACK3
STACK4
STACK5
STACK6
STACK7
STACK8
STACK9
:
:
STACK30
STACK31
STACK32
CALL and
INTERRUPT
RET
RETL
RETI
ACC,R3,R5(PAGE)
R5(PAGE)
store
restore



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com