Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2003APBF Datasheet(PDF) 4 Page - International Rectifier

Part # IP2003APBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors,Drivers&Passives
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2003APBF Datasheet(HTML) 4 Page - International Rectifier

  IP2003APBF Datasheet HTML 1Page - International Rectifier IP2003APBF Datasheet HTML 2Page - International Rectifier IP2003APBF Datasheet HTML 3Page - International Rectifier IP2003APBF Datasheet HTML 4Page - International Rectifier IP2003APBF Datasheet HTML 5Page - International Rectifier IP2003APBF Datasheet HTML 6Page - International Rectifier IP2003APBF Datasheet HTML 7Page - International Rectifier IP2003APBF Datasheet HTML 8Page - International Rectifier IP2003APBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.irf.com
4
iP2003APbF
Fig. 7: I
DD (VDD current) vs. Frequency
Fig. 5: Normalized Power Loss vs. Frequency
Fig. 3: Normalized Power Loss vs. V
IN
Fig. 4: Normalized Power Loss vs. V
OUT
Typical Performance Curves
Fig. 6: Normalized Power Loss vs. Inductance
3
4
5
6
7
8
9
10
11
12
13
Input Voltage (V)
-1
0
1
2
3
4
5
6
7
0.96
1.00
1.04
1.08
1.12
1.16
1.20
1.24
1.28
VOUT = 1.3V
IOUT = 40A
fsw
= 1MHz
L
= 0.3µH
TBLK = 125°C
0.1
0.3
0.5
0.7
0.9
Output Inductance (µH)
0.98
1.00
1.02
1.04
1.06
-0.5
0.0
0.5
1.0
1.5
VIN = 12V
VOUT = 1.3V
IOUT = 40A
fsw = 1MHz
TBLK = 125°C
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
Output Voltage (V)
0.96
1.00
1.04
1.08
1.12
1.16
-1.0
0.0
1.0
2.0
3.0
4.0
VIN = 12V
IOUT = 40A
fsw
= 1MHz
L
= 0.30µH
TBLK = 125°C
300
400
500
600
700
800
900
1000
Switching Frequency (kHz)
40
50
60
70
80
90
100
Does not include
PRDY current
TBLK = 25°C
200
300
400
500
600
700
800
900 1000
Switching Frequency (kHz)
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
-7
-6
-5
-4
-3
-2
-1
0
1
VIN = 12V
VOUT = 1.3V
IOUT = 40A
L = 0.30µH
TBLK = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com