Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2003APBF Datasheet(PDF) 7 Page - International Rectifier

Part # IP2003APBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors,Drivers&Passives
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2003APBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IP2003APBF Datasheet HTML 2Page - International Rectifier IP2003APBF Datasheet HTML 3Page - International Rectifier IP2003APBF Datasheet HTML 4Page - International Rectifier IP2003APBF Datasheet HTML 5Page - International Rectifier IP2003APBF Datasheet HTML 6Page - International Rectifier IP2003APBF Datasheet HTML 7Page - International Rectifier IP2003APBF Datasheet HTML 8Page - International Rectifier IP2003APBF Datasheet HTML 9Page - International Rectifier IP2003APBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.irf.com
7
iP2003APbF
One of the most critical elements of proper PCB layout with iP2003APbF is the placement of the external
input bypass capacitors and the routing of the connecting power tracks.
PCB Layout Guidelines
It is recommended that the designer uses the following guidelines:
1.
The diagram below suggests the addition of the input bypass capacitors either on the top side of
the PCB (capacitors C1-C6) or top and bottom side (C7, C8), if placement on the bottom side is
feasible. The amount of the input capacitors is based on the input ripple current handling
requirement of the iP2003APbF. To support 12A input RMS current, based on 12V input, 1.3V
and 40A output and 1MHz, the iP2003APbF will require enough input ceramic capacitors to
support the input RMS AC current. These capacitors must be placed as close to the iPOWIR
device as possible.
2.
In the diagram below, observe the routing of the power tracks that connect the external bypass
capacitors.
3.
Provide a mid-layer solid ground plane with connections to the top through vias.
4.
Refer to IR application note AN-1029a to determine the size of the vias and the copper weight
and thickness when designing the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com