Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2003APBF Datasheet(PDF) 9 Page - International Rectifier

Part # IP2003APBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors,Drivers&Passives
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2003APBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IP2003APBF Datasheet HTML 2Page - International Rectifier IP2003APBF Datasheet HTML 3Page - International Rectifier IP2003APBF Datasheet HTML 4Page - International Rectifier IP2003APBF Datasheet HTML 5Page - International Rectifier IP2003APBF Datasheet HTML 6Page - International Rectifier IP2003APBF Datasheet HTML 7Page - International Rectifier IP2003APBF Datasheet HTML 8Page - International Rectifier IP2003APBF Datasheet HTML 9Page - International Rectifier IP2003APBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.irf.com
9
iP2003APbF
Refer to the following application notes for detailed guidelines and suggestions when
implementing iPOWIR Technology products:
AN-1030: Applying iPOWIR Products in Your Thermal Environment
This paper explains how to use the Power Loss and SOA curves in the data sheet to validate if the operat-
ing conditions and thermal environment are within the Safe Operating Area of the iPOWIR product.
AN-1047: Graphical solution for two branch heatsinking Safe Operating Area
Detailed explanation of the dual axis SOA graph and how it is derived.
AN-1028: Recommended Design, Integration and Rework Guidelines for International Rectifier’s
BGA and LGA Packages
This paper discusses optimization of the layout design for mounting iPowIR BGA and LGA packages on
printed circuit boards, accounting for thermal and electrical performance and assembly considerations .
Topics discussed includes PCB layout placement, routing, and via interconnect suggestions, as well as
soldering, pick and place, reflow, cleaning and reworking recommendations.
AN-1029a: Optimizing a PCB Layout for an iPowir Technology Design
IRDCiP2003A : Reference design for iP2003APbF
Fig. 12: Tape & Reel Information
1. OUTLINE CONFORMS TO EIA-481 & EIA-541.
iP2003A, LGA
NOTES:
12mm
FEED DIRECTION
24mm
0508
iP2003A
6B7D
iP2003A
6B7D
0508
iP2003APbF, LGA
iP2003AP
iP2003AP
XX
XX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com