Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P40-VMP6P/X Datasheet(PDF) 34 Page - STMicroelectronics

Part # M25P40-VMP6P/X
Description  4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P40-VMP6P/X Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M25P40-VMP6P/X Datasheet HTML 30Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 31Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 32Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 33Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 34Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 35Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 36Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 37Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Instructions
M25P40
34/53
Figure 18.
Release from Deep Power-down and Read Electronic Signature (RES) instruction
sequence and data-out sequence
1.
The value of the 8-bit Electronic Signature, for the M25P40, is 12h.
Figure 19.
Release from Deep Power-down (RES) instruction sequence
C
D
AI04047C
S
Q
23
2
1
3456789 10
28 29 30 31 32 33 34 35
22 21
3210
36 37 38
765432
0
1
High Impedance
Electronic Signature Out
Instruction
3 Dummy Bytes
0
MSB
Stand-by Mode
Deep Power-down Mode
MSB
tRES2
C
D
AI04078B
S
2
1
34567
0
tRES1
Stand-by Mode
Deep Power-down Mode
Q
High Impedance
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com