Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P40-VMP6P/X Datasheet(PDF) 43 Page - STMicroelectronics

Part # M25P40-VMP6P/X
Description  4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P40-VMP6P/X Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M25P40-VMP6P/X Datasheet HTML 39Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 40Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 41Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 42Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 43Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 44Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 45Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 46Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
M25P40
DC and ac parameters
43/53
Table 20.
AC characteristics (50 MHz operation, device grade 6, VCC min = 2.7 V)
50 MHz available only in products with Process Technology code X(1)
Test conditions specified in Table 10 and Table 17
1.
Details of how to find the date of marking are given in Application Note, AN1995.
Symbol
Alt.
Parameter
Min.
Typ.
Max.
Unit
fC
fC
Clock frequency for the following
instructions: FAST_READ, PP, SE, BE, DP,
RES, WREN, RDID, WRDI, RDSR, WRSR
D.C.
50
MHz
fR
Clock frequency for READ instructions
D.C.
25
MHz
tCH
(2)
2.
tCH + tCL must be greater than or equal to 1/ fC
tCLH
Clock High time
9
ns
tCL
(2)
tCLL
Clock Low time
9
ns
tCLCH
(3)
3.
Value guaranteed by characterization, not 100% tested in production.
Clock Rise time(4) (peak to peak)
4.
Expressed as a slew-rate.
0.1
V/ns
tCHCL
(3)
Clock Fall time(4) (peak to peak)
0.1
V/ns
tSLCH
tCSS
S Active Setup time (relative to C)
5
ns
tCHSL
S Not Active Hold time (relative to C)
5
ns
tDVCH
tDSU
Data In Setup time
2
ns
tCHDX
tDH
Data In Hold time
5
ns
tCHSH
S Active Hold time (relative to C)
5
ns
tSHCH
S Not Active Setup time (relative to C)
5
ns
tSHSL
tCSH
S Deselect time
100
ns
tSHQZ
(3)
tDIS
Output Disable time
8
ns
tCLQV
tV
Clock Low to Output Valid
8
ns
tCLQX
tHO
Output Hold time
0
ns
tHLCH
HOLD Setup time (relative to C)
5
ns
tCHHH
HOLD Hold time (relative to C)
5
ns
tHHCH
HOLD Setup time (relative to C)
5
ns
tCHHL
HOLD Hold time (relative to C)
5
ns
tHHQX
(3)
tLZ
HOLD to Output Low-Z
8
ns
tHLQZ
(3)
tHZ
HOLD to Output High-Z
8
ns
tWHSL
(5)
5.
Only applicable as a constraint for a WRSR instruction when SRWD is set at 1.
Write Protect Setup time
20
ns
tSHWL
(5)
Write Protect Hold time
100
ns
tDP
(3)
S High to Deep Power-down mode
3
µs
tRES1
(3)
S High to Standby Power mode without
Electronic Signature Read
30
µs
tRES2
(3)
S High to Standby Power mode with
Electronic Signature Read
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com