Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P40-VMP6P/X Datasheet(PDF) 41 Page - STMicroelectronics

Part # M25P40-VMP6P/X
Description  4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P40-VMP6P/X Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M25P40-VMP6P/X Datasheet HTML 37Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 38Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 39Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 40Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 41Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 42Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 43Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 44Page - STMicroelectronics M25P40-VMP6P/X Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
M25P40
DC and ac parameters
41/53
1.
Output Hi-Z is defined as the point where data out is no longer driven.
Figure 21.
AC measurement I/O waveform
Table 16.
Instruction times (device grade 3)
Test conditions specified in Table 10 and Table 17
Symbol
Alt.
Parameter
Min.
Typ.(1) (2)
1.
At 85 °C
2.
Preliminary data.
Max.(2)
Unit
tW
Write Status Register cycle time
8
15
ms
tPP
(3)
3.
When using the Page Program (PP) instruction to program consecutive bytes, optimized timings are
obtained with one sequence including all the bytes versus several sequences of only a few bytes. (1
≤ n ≤
256)
Page Program cycle time (256 bytes)
1.5
5ms
Page Program cycle time (n bytes)
0.4+
n*1.1/256
tSE
Sector Erase cycle time
1
3
s
tBE
Bulk Erase cycle time
4.5
10
s
Table 17.
AC measurement conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load capacitance
30
pF
Input rise and fall times
5
ns
Input pulse voltages
0.2VCC to 0.8VCC
V
Input timing reference voltages
0.3VCC to 0.7VCC
V
Output timing reference voltages
VCC / 2
V
Table 18.
Which AC characteristics to use?
Device grade
VCC = 2.3 V to 3.6 V
VCC = 2.7 V to 3.6 V
Device grade 3
N/A(1)
1.
Not applicable.
AC characteristics at 25 MHz (Table 19)
Device grade 6
AC characteristics at 40 MHz (Table 21) AC characteristics at 50 MHz (Table 20)
AI07455
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Input and Output
Timing Reference Levels
Input Levels
0.5VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com