Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF200-0UR-024B Datasheet(PDF) 20 Page - LEDTRONICS, INC

Part # GF200-0UR-024B
Description  Miniature Based LED Lamps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

GF200-0UR-024B Datasheet(HTML) 20 Page - LEDTRONICS, INC

Back Button GF200-0UR-024B Datasheet HTML 16Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 17Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 18Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 19Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 20Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 21Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 22Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 23Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 24Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
10
50
10
65
10
39
10
106
10
29
10
275
10
74
All dimensions in inches. For millimeters multiply by 25.4
SF321-0UR-006B
SF321-0UR-014B
SF321-0UR-024B
SF321-0UR-028B
5/6V
24V
28V
20
20
15
15
Replace SF321 With S321
Narrow Beam (15º)
Intensity 1.6K mcd/52
Ft.Cd @20 mA
Center Contact Polarity
12/14V
120º
115
115
85
85
Replace SF321 With S321
Narrow (15º) Beam
Intensity 3.5K mcd@20 mA
Center Contact Polarity
SF321-0UO-006B
SF321-0UO-014B
SF321-0UO-024B
SF321-0UO-028B
5/6V
24V
28V
12/14V
120º
130
130
98
98
20
20
15
15
B = BiPolar AC/DC
SF321-0UY-006B
SF321-0UY-014B
SF321-0UY-024B
SF321-0UY-028B
5/6V
24V
28V
20
20
15
15
116
116
75
75
Replace SF321 With S321
Narrow (15º) Beam
Intensity 3.2K mcd@20 mA
Center Contact Polarity
12/14V
120º
B = BiPolar AC/DC
SF321-0CW-006B
SF321-0CW-014B
SF321-0CW-024B
SF321-0CW-028B
5V
24V
28V
15
15
15
15
160
160
160
160
Replace SF321 With S321
Std. (50º) Beam Intensity
750 mcd/75 Ft. cd
Center Contact Polarity
12/14V
120º
B = BiPolar AC/DC
SF321-0UG-006B
SF321-0UG-014B
SF321-0UG-024B
SF321-0UG-028B
5/6V
24V
28V
20
20
15
15
58
58
44
44
Replace SF321 With S321
Narrow (12-15º) Beam
Intensity 1K mcd@ 20 mA
Center Contact Polarity
12/14V
120º
B = BiPolar AC/DC
SF321-0AG-006B
SF321-0AG-014B
SF321-0AG-024B
SF321-0AG-028B
5/6V
24V
28V
15
15
15
15
400
400
400
400
Replace SF321 With S321
Narrow (15º) Beam
Intensity 7K mcd/250 Ft.Cd
Center Contact Polarity
12/14V
120º
B = BiPolar AC/DC
SF321-0PB-006B
SF321-0PB-014B
SF321-0PB-024B
SF321-0PB-028B
5/6V
24V
28V
15
15
15
15
Replace SF321 With S321
Std. (15º) Beam Intensity
2K mcd/60 Ft.Cd
Center Contact Polarity
12/14V
125
125
125
125
120º
Electrical-Optical
Characteristics (Ta = 25ºC)
Voltage
V typ
Part Number
Current
mA typ
Miniature Packages
Replaces
Incandescent
Intensity
mcd
Special Features
Angle
of
Illumi-
nation
B = BiPolar AC/DC
SF321-0UR-120A
120VAC
SF321-0UO-120A
120VAC
SF321-0UY-120A
120VAC
SF321-0CW-120A
120VAC
SF321-0UG-120A
120VAC
SF321-0AG-120A
120VAC
SF321-0PB-120A
120VAC
Series: S321CB1K (15º Illumination)
PN Example: S321-0PB-024B
Options
SF321
407,502,3708
.40
1.01 ±0.25
3724,1446
1449,52
407,502,3708
3724,1446
1449,52
407,502,3708
3724,1446
1449,52
407,502,3708
3724,1446
1449,52
407,502,3708
3724,1446
1449,52
407,502,3708
3724,1446
1449,52
407,502,3708
3724,1446
1449,52
SF321
.40
1.01 ±0.25
.40
1.01 ±0.25
SF321
.40
1.01 ±0.25
SF321
.40
1.01 ±0.25
.40
1.01 ±0.25
.40
1.01 ±0.25
.40
1.19
SF321
SF321
SF321
A = AC only
A = AC only
A = AC only
A = AC only
A = AC only
B = BiPolar AC/DC
A = AC only
A = AC only
570nm Lime Green
InGaAIP
660nm Ultra Red
GaAIAs/GaAIAs
8000K Cool White
SiC/GaN
525nm Aqua Green
SiC/GaN
612nm Super Orange
InGaAIP
595nm Super Yellow
InGaAIP
470nm Super Blue
SiC/GaN
T3-1/4 (9mm) Miniature Screw Based LEDs
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com