Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF200-0UR-024B Datasheet(PDF) 9 Page - LEDTRONICS, INC

Part # GF200-0UR-024B
Description  Miniature Based LED Lamps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

GF200-0UR-024B Datasheet(HTML) 9 Page - LEDTRONICS, INC

Back Button GF200-0UR-024B Datasheet HTML 5Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 6Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 7Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 8Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 9Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 10Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 11Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 12Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 13Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
T1-3/4 (5mm) Midget Wedge Based LEDs
Electrical-Optical
Characteristics (Ta = 25ºC)
Voltage
V typ
Part Number
Current
mA typ
Subminiature Packages
Replaces
Incandescent
Intensity
mcd
Special Features
All dimensions in inches. For millimeters multiply by 25.4
Angle
of
Illumi-
nation
Options
Series: W200
PN Example: W200-0UO-005B
Series: W206
PN Example: W206-0PB-005B
WF200
WF200-0UR-005V
WF200-0UR-014V
WF200-0UR-024V
WF200-0UR-028V
5V
24V
28V
20
20
15
15
17, 85
17, 85
18,37,73,74
56,79,84,86
Replace WF200 With W200
Narrow Beam (15º)
Intensity 1.6K mcd/52 Ft.Cd
@20 mA
12/14V
120º
115
115
85
85
Replace WF200 With W200
Narrow Beam (15º)
Intensity 3.5K mcd@ 20 mA
WF200
WF200-0UO-005V
WF200-0UO-014V
WF200-0UO-024V
WF200-0UO-028V
5V
24V
28V
17, 85
17, 85
18,37,73,74
56,79,84,86
12/14V
120º
130
130
98
98
20
20
15
15
WF200
WF200-0UY-005V
WF200-0UY-014V
WF200-0UY-024V
WF200-0UY-028V
5V
24V
28V
20
20
15
15
17, 85
17, 85
18,37,73,74
116
116
75
75
56,79,84,86
Replace WF200 With W200
Narrow Beam (15º)
Intensity 3.2K mcd@ 20 mA
12/14V
120º
WF200
WF200-0CW-005V
WF200-0CW-014V
WF200-0CW-024V
WF200-0CW-028V
5V
24V
28V
15
15
15
15
17, 85
17, 85
18,37,73,74
160
160
160
160
56,79,84,86
Replace WF200 With W200
Std. Beam (50º) Intensity
750 mcd/75 Ft. cd @15 mA
12/14V
120º
WF200
WF200-0UG-005V
WF200-0UG-014V
WF200-0UG-024V
WF200-0UG-028V
5V
24V
28V
20
20
15
15
17, 85
17, 85
18,37,73,74
58
58
44
44
56,79,84,86
Replace WF200 With W200
Narrow Beam (12-15º)
Intensity 1K mcd@ 20 mA
12/14V
120º
WF200
WF200-0AG-005V
WF200-0AG-014V
WF200-0AG-024V
WF200-0AG-028V
5V
24V
28V
15
15
15
15
17, 85
17, 85
18,37,73,74
400
400
400
400
56,79,84,86
Replace WF200 With W200
Narrow Beam (15º)
Intensity 7K mcd/250 Ft.Cd
@15 mA
12/14V
120º
WF200
WF200-0PB-005V
WF200-0PB-014V
WF200-0PB-024V
WF200-0PB-028V
5V
24V
28V
15
15
15
15
17, 85
17, 85
18,37,73,74
56,79,84,86
Replace WF200 With W200
Std. Beam (15º) Intensity
2K mcd/60 Ft.Cd @15 mA
12/14V
125
125
125
125
120º
.70 Max
.200
.230 Dia
+
.80 MAX
.200
.230 Dia
+
Positive
.77 Max
.200
.230 Dia
+
.77 Max
.200
.230 Dia
+
Series: W202
PN Example: W202-0UR-005B
.80 MAX
.200
.230 Dia
+
Positive
.80 MAX
.200
.230 Dia
+
Positive
.80 MAX
.200
.230 Dia
+
Positive
.80 MAX
.200
.230 Dia
+
Positive
.80 MAX
.200
.230 Dia
+
Positive
.80 MAX
.200
.230 Dia
+
Positive
Contact Polarity
V = DC only
Contact Polarity
V = DC only
Contact Polarity
V = DC only
Contact Polarity
V = DC only
Contact Polarity
V = DC only
Contact Polarity
V = DC only
Contact Polarity
V = DC only
570nm Lime Green
InGaAIP
660nm Ultra Red
GaAIAs/GaAIAs
8000K Cool White
SiC/GaN
525nm Aqua Green
SiC/GaN
612nm Super Orange
InGaAIP
595nm Super Yellow
InGaAIP
470nm Super Blue
SiC/GaN
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com