Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF200-0UR-024B Datasheet(PDF) 22 Page - LEDTRONICS, INC

Part # GF200-0UR-024B
Description  Miniature Based LED Lamps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

GF200-0UR-024B Datasheet(HTML) 22 Page - LEDTRONICS, INC

Back Button GF200-0UR-024B Datasheet HTML 18Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 19Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 20Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 21Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 22Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 23Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 24Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 25Page - LEDTRONICS, INC GF200-0UR-024B Datasheet HTML 26Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
S6 Candelabra Screw Based LEDs
Electrical-Optical
Characteristics (Ta = 25ºC)
Voltage
V typ
Part Number
Current
mA typ
Miniature Packages
Intensity
mcd
Special Features
All dimensions in inches. For millimeters multiply by 25.4
Angle
of
Illumi-
nation
570nm Lime Green
InGaAIP
SLF461-0UG-120A 120VAC
SLF461-0UG-130B
SLF461-0UG-220A
SLF461-0UG-024B
24V
130V
220VAC
120VAC
24V
130V
220VAC
120VAC
24V
130V
220VAC
SLF464-0UG-120A
SLF464-0UG-130B
SLF464-0UG-220A
SLF464-0UG-024B
SLF467-0UG-120A
SLF467-0UG-130B
SLF467-0UG-220A
SLF467-0UG-024B
20
10
8
4
20
10
8
4
20
10
8
4
406
203
161
84
120º
Center Contact Polarity
B = Bipolar AC/DC
Replace SLF461 With
SL461 for Narrow Beam
(12-15º) 1K mcd @
20mA
58
29
23
12
232
116
92
48
SLF461-0AG-120A 120VAC
SLF461-0AG-130B
SLF461-0AG-220A
SLF461-0AG-024B
24V
130V
220VAC
120VAC
24V
130V
220VAC
120VAC
24V
130V
220VAC
SLF464-0AG-120A
SLF464-0AG-130B
SLF464-0AG-220A
SLF464-0AG-024B
SLF467-0AG-120A
SLF467-0AG-130B
SLF467-0AG-220A
SLF466-0AG-024B
15
10
8
4
400
275
230
140
15
10
8
4
1600
1100
920
560
15
10
8
4
2400
1900
1600
980
120º
Center Contact Polarity
B = Bipolar AC/DC
Replace SLF461 With
SL461 for Narrow Beam
(15º) 7K mcd/250 Ft.Cd
@ 15mA
SLF461-0PB-120A
120VAC
SLF461-0PB-130B
SLF461-0PB-220A
SLF461-0PB-024B
24V
130V
220VAC
120VAC
24V
130V
220VAC
120VAC
24V
130V
220VAC
SLF464-0PB-120A
SLF464-0PB-130B
SLF464-0PB-220A
SLF464-0PB-024B
SLF467-0PB-120A
SLF467-0PB-130B
SLF467-0PB-220A
SLF467-0PB-024B
15
10
8
4
116
74
53
7
15
10
8
4
464
296
212
28
15
10
8
4
812
518
370
49
Replace BF321 With
B321 for Std. Beam
(15º)
120º
.75
1.88 MAX
.75
1.88 MAX
.75
1.88 MAX
SLF461
SLF464
SLF467
SLF461
SLF464
SLF467
SLF461
SLF464
SLF467
Options
.75
1.82
Series: SL467 (15º Illumination)
PN Example: SL467-0UO-024B
Series: SL424
PN Example: SL424-0UY-006B
Series: SL464 (15º Illumination)
PN Example: SL464-0UG-024B
.75
1.88
.75
1.75
A = AC only
A = AC only
Center Contact Polarity
B = Bipolar AC/DC
A = AC only
525nm Aqua Green
SiC/GaN
470nm Super Blue
SiC/GaN
Series: SF464
PN Example: SF464-0PB-024B
.75
1.30 MAX
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com