Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE84G762B Datasheet(PDF) 39 Page - King blillion Electronics Co.,Ltd.

Part # HE84G762B
Description  8-BIT MICRO-CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G762B Datasheet(HTML) 39 Page - King blillion Electronics Co.,Ltd.

Back Button HE84G762B Datasheet HTML 35Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 36Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 37Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 38Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 39Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 40Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 41Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 42Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 43Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE84G762B
HE80004 Series
June 1, 2004
39
V0.92
This specification is subject to change without notice. Please contact sales person for the latest version before use.
TBS[3..0]
Interrupt Frequency
1001
32 Hz
1010
16 Hz
1011
8 Hz
1100
4 Hz
1101
2 Hz
1110
1 Hz
1111
0.5 Hz
17. Watch Dog Timer
Watch Dog Timer (WDT) is designed to reset system automatically and prevents system dead lock caused
by abnormal hardware activities or program execution. The WDT needs to be enabled in Mask Option.
MO_WDTE
Function
0
WDT disable
1
WDT enable
Using the WDT function, the “CLRWDT” instruction needs to be executed in every possible program
path when the program runs normally in order to clears the WDT counter before it overflows, so that the
program can operate normally. When abnormal conditions happen to cause the MCU to divert from
normal path, the WDT counter will not be cleared and reset signal will be generated to reset the system.
The WDT clock source is the same as TC1 (Timer1 clock), and the WDT reset signal is generated when
the counter had counted 32768 clock. The WDT can function in Normal, Slow and Idle Mode. However,
WDT will not function during Sleep Mode (as the TC1 clock has stopped.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com