Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE84G762B Datasheet(PDF) 41 Page - King blillion Electronics Co.,Ltd.

Part # HE84G762B
Description  8-BIT MICRO-CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G762B Datasheet(HTML) 41 Page - King blillion Electronics Co.,Ltd.

Back Button HE84G762B Datasheet HTML 37Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 38Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 39Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 40Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 41Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 42Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 43Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 44Page - King blillion Electronics Co.,Ltd. HE84G762B Datasheet HTML 45Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE84G762B
HE80004 Series
June 1, 2004
41
V0.92
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Bit
Name
Value
Function description
1
PWM Output Driver Enable
VOC[3] PWME
0
PWM Output Driver Disable
1
PWM Module Enable
VOC[2]
PWM
0
PWM Module Disable
1
Digital-to-Analog Converter Enable
VOC[1]
DAC
0
Digital-to-Analog Converter Disable
1
DAC output to DAO pin
VOC[0]
OP
0
DAC output to VO pin
The pulse-width modulator (PWM) converts 8-bit unsigned speech data which is written into PWMC data
register to proportional duty cycle of PWM output. PWM module shares the same digital input register
PWMC with Digit-to-Analog Converter. So PWM and DA output can exist at the same time. When PWM
circuit is enabled, it generates signal with duty ratio in proportion to the value of PWMC register.
DA = 0x20
DA = 0x80
DA = 0xE0
1 subframe
PWMC
address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Field
0x0E
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
VOC
VOC
address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Field
0x13
-
PWM O/P driver
PWME
PWM
DAC
OP
Reset
0
0
0
0
0
0
0
The PWM bit of VOC controls the enable/disable of the PWM circuit and output driver. When PWM bit
of VOC is ‘0’, PWME bit and output drivers are both cleared. To use PWM as voice output, PWM bit has
to be set to ‘1’ first, then set PWME bit and enable output driver by setting the driver number. If PWM bit
is disabled and enabled again, the setting for driver and PWME bit will be clear.
The Fast Clock is gated through PWME bit of VOC register to provide the clock source of PWM circuit
when it is enabled. As PWM needs higher frequency to operate, it cannot generate correct PWM signal in
Slow clock only mode.
When the program enters into sleep mode or idle mode, it will automatically turn off all voice outputs by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com